Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF460 Datasheet (PDF) - Advanced Semiconductor

MRF460 Datasheet PDF - Advanced Semiconductor
Part # MRF460
Download  MRF460 Download
File Size   19.08 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON RF POWER TRANSISTOR

MRF460 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF460 Datasheet PDF - Advanced Semiconductor

Part # MRF460
Download  MRF460 Click to download

File Size   19.08 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON RF POWER TRANSISTOR

MRF460 Datasheet (HTML) - Advanced Semiconductor


MRF460 Product details

DESCRIPTION:

The ASI MRF460 is Designed for 12.5 Volt Power Amplifier Applications up to 30 MHz.



FEATURES INCLUDE:

• Omnigold™ Metalization System

• PG = 12 dB Min. @ 30 MHz & 40 W

• Efficiency 40%




Similar Part No. - MRF460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF464 MOTOROLA-MRF464 Datasheet
104Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF464 ASI-MRF464 Datasheet
45Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
eleflow technologies co...
MRF464 ELEFLOW-MRF464 Datasheet
49Kb / 1P
NPN Silicon RF power transistor
logo
Advanced Semiconductor
MRF466 ASI-MRF466 Datasheet
29Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF466 NJSEMI-MRF466 Datasheet
49Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Similar Description - MRF460

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com