Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSC2N100U120 Datasheet (PDF) - MagnaChip Semiconductor.

MPSC2N100U120 Datasheet PDF - MagnaChip Semiconductor.
Part # MPSC2N100U120
Download  MPSC2N100U120 Download
File Size   641.2 Kbytes
Page   5 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 1200V FRD Module

MPSC2N100U120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSC2N100U120 Datasheet PDF - MagnaChip Semiconductor.

Part # MPSC2N100U120
Download  MPSC2N100U120 Click to download

File Size   641.2 Kbytes
Page   5 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 1200V FRD Module

MPSC2N100U120 Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MPSC2N100U120

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MPSC2N100U40 MGCHIP-MPSC2N100U40 Datasheet
647Kb / 5P
400V FRD Module
MPSC2N100U60 MGCHIP-MPSC2N100U60 Datasheet
643Kb / 5P
600V FRD Module
More results


Similar Description - MPSC2N100U120

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
PD100F12 NIEC-PD100F12 Datasheet
34Kb / 2P
FRD MODULE - 100A/1200V/trr:250nsec
PD300F12 NIEC-PD300F12 Datasheet
33Kb / 2P
FRD MODULE - 300A/1200V/trr:250nsec
logo
MagnaChip Semiconductor...
MPSC2N60U120 MGCHIP-MPSC2N60U120 Datasheet
628Kb / 5P
1200V FRD Module
MPSC2N75U120 MGCHIP-MPSC2N75U120 Datasheet
639Kb / 5P
1200V FRD Module
MPSC2N125U120 MGCHIP-MPSC2N125U120 Datasheet
649Kb / 5P
1200V FRD Module
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
MPJC2CA150U60 MGCHIP-MPJC2CA150U60 Datasheet
610Kb / 5P
600V FRD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com