Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1101 Datasheet (PDF) - ON Semiconductor

FIN1101 Datasheet PDF - ON Semiconductor
Part # FIN1101
Download  FIN1101 Download
File Size   369.94 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LVDS Single Port High Speed Repeater

FIN1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1101 Datasheet PDF - ON Semiconductor

Part # FIN1101
Download  FIN1101 Click to download

File Size   369.94 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LVDS Single Port High Speed Repeater

FIN1101 Datasheet (HTML) - ON Semiconductor


FIN1101 Product details

General Description
This single port repeater is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. It accepts and outputs LVDS levels with a typical differential output swing of 330 mV which provides low EMI at ultra low power dissipation even at high frequencies. It can directly accept multiple differential I/O including: LVPECL, HSTL, and SSTL-2 for translating directly to LVDS.

Features
■ Up to 1.6 Gb/s full differential path
■ 3.5 ps max random jitter and 135 ps max deterministic jitter
■ 3.3V power supply operation
■ Wide rail-to-rail common mode range
■ Ultra low power consumption
■ LVDS receiver inputs accept LVPECL, HSTL, and SSTL-2 directly
■ Power off protection
■ 7 kV HBM ESD protection (all pins)
■ Meets or exceed the TA/EIA-644-A LVDS standard
■ Packaged in 8-pin SOIC and US8
■ Open circuit fail safe protection




Similar Part No. - FIN1101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
FIN1101K8X FAIRCHILD-FIN1101K8X Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
FIN1101M FAIRCHILD-FIN1101M Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
FIN1101MX FAIRCHILD-FIN1101MX Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
More results


Similar Description - FIN1101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
LVDS 2 Port High Speed Repeater
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
LVDS 4 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
LVDS 8 Port High Speed Repeater
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
LVDS 8-Port, High-Speed Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
16-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com