Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT20803Q Datasheet (PDF) - Pericom Semiconductor Corporation

PI49FCT20803Q Datasheet PDF - Pericom Semiconductor Corporation
Part # PI49FCT20803Q
Download  PI49FCT20803Q Download
File Size   161.96 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:5/1:7 2.5V Clock Buffer for Networking Applications

PI49FCT20803Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI49FCT20803Q Datasheet PDF - Pericom Semiconductor Corporation

Part # PI49FCT20803Q
Download  PI49FCT20803Q Click to download

File Size   161.96 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1:5/1:7 2.5V Clock Buffer for Networking Applications

PI49FCT20803Q Datasheet (HTML) - Pericom Semiconductor Corporation


PI49FCT20803Q Product details

Description
The PI49FCT2080x is 2.5V, high-speed, low noise, non-inverting clock buffer. It is designed to target networking applications that require low-skew, low-jitter, and high-frequency clock distribution. It provides output-to-output skew as low as 150ps, and is an ideal clock distribution device for synchronous systems. PI49FCT2080x is a clock buffer from a single input that produces five outputs on PI49FCT20802 and seven outputs on PI49FCT20803. PI49FCT2080x is characterized for operation from –40°C to 85°C.

Features
➤ High Frequency >150 MHz
➤ High-speed, low-noise, non-inverting clock buffer
    □ PI49FCT20802 is a 1:5 buffer
    □ PI49FCT20803 is a 1:7 buffer
➤ Low skew < 150ps
➤ Low duty cycle distortion < 300ps
➤ Low propagation delay < 3.5ns
➤ Multiple VDD, GND pins for noise reduction
➤ 2.5V supply voltage and 3V tolerant input
➤ Packaging (Pb-free & Green):
    □ 16-pin TSSOP (L)
    □ 16-pin QSOP (Q) - PI49FCT20802 only




Similar Part No. - PI49FCT20803Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20803QE PERICOM-PI49FCT20803QE Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results


Similar Description - PI49FCT20803Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3802 PERICOM-PI49FCT3802 Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com