Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8958A Datasheet (PDF) - SyncMOS Technologies,Inc

SM8958A Datasheet PDF - SyncMOS Technologies,Inc
Part # SM8958A
Download  SM8958A Download
File Size   509.92 Kbytes
Page   25 Pages
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc
Description 8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded

SM8958A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8958A Datasheet PDF - SyncMOS Technologies,Inc

Part # SM8958A
Download  SM8958A Click to download

File Size   509.92 Kbytes
Page   25 Pages
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc
Description 8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded

SM8958A Datasheet (HTML) - SyncMOS Technologies,Inc


SM8958A Product details

Description

The SM8958A series product is an 8 - bit single chip micro controller with 32KB on-chip flash and 1K byte RAM embedded. It is a derivative of the 8052 micro controller family. It has 5-channel SPWM build-in. User can access on-chip expanded RAM with easier and faster way by its ‘bank mapping direct addressing mode’ scheme. With its hardware features and powerful instruction set, it’s straight forward to make it a versatile and cost effective controller for those applications which demand up to 32 I/ O pins for PDIP package or up to 36 I/O pins for PLCC/QFP package, or applications which need up to 32K byte flash memory for program data.



Features

Working voltage: 3.0V ~ 3.6V For L Version

                       4.5V ~ 5.5V For C Version

General 8052 family compatible

12 clocks per machine cycle

32K byte on chip program flash

1024 byte on-chip data RAM

Three 16 bit Timers/Counters

One Watch Dog Timer

Four 8-bit I/O ports for PDIP package

Four 8-bit I/O ports + one 4-bit I/O ports for PLCC or QFP package

Full duplex serial channel

Bit operation instruction

Page free jumps

8-bit Unsigned Division

8-bit Unsigned Multiply

BCD arithmetic

Direct Addressing

Indirect Addressing

Nested Interrupt

Two priority level interrupt

A serial I/O port

Power save modes: Idle mode and Power down mode

Code protection function

Low EMI (inhibit ALE)

Bank mapping direct addressing mode for access on-chip RAM

5 channel SPWM function with P1.3 ~ P1.7




Similar Part No. - SM8958A

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
887Kb / 23P
8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AC25 SYNCMOS-SM8958AC25 Datasheet
887Kb / 23P
8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AC40 SYNCMOS-SM8958AC40 Datasheet
887Kb / 23P
8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AL25 SYNCMOS-SM8958AL25 Datasheet
887Kb / 23P
8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM8958AL33 SYNCMOS-SM8958AL33 Datasheet
887Kb / 23P
8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results


Similar Description - SM8958A

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com