Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-811UT Datasheet (PDF) - Rohm

SML-811UT Datasheet PDF - Rohm
Part # SML-811UT
Download  SML-811UT Download
File Size   319.83 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Current Type (IF <=10mA) Back-fire chip LEDs

SML-811UT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-811UT Datasheet PDF - Rohm

Part # SML-811UT
Download  SML-811UT Click to download

File Size   319.83 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Current Type (IF <=10mA) Back-fire chip LEDs

SML-811UT Datasheet (HTML) - Rohm




Similar Part No. - SML-811UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811UT ROHM-SML-811UT Datasheet
2Mb / 4P
Reverse-mount type
SML-811UT ROHM-SML-811UT Datasheet
389Kb / 11P
Reverse-mount available type
SML-811UT ROHM-SML-811UT Datasheet
993Kb / 13P
SML-811x/812x/813x Series
2022.2 - Rev.015
SML-811UTA ROHM-SML-811UTA Datasheet
590Kb / 11P
Reverse-mount available type
SML-811UTA ROHM-SML-811UTA Datasheet
590Kb / 11P
Reverse-mount available type
More results


Similar Description - SML-811UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211 ROHM-SML-211 Datasheet
462Kb / 3P
Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML512 ROHM-SML512 Datasheet
105Kb / 3P
Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
Standard Type Back-fire chip LEDs
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
Low Current Type (IF=<10mA) Side view chip LEDs
SML412 ROHM-SML412 Datasheet
148Kb / 3P
Low Current Type (IF =<10mA) Mini-molded chip LEDs
SML-812 ROHM-SML-812 Datasheet
150Kb / 3P
High Brightness Type Back-fire chip LEDs(Reverse package)
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
Low Current Type(IF 10mA)
SML-211YTT86K ROHM-SML-211YTT86K Datasheet
116Kb / 3P
0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
Low Current Type(IF 10mA)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com