Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7146 Datasheet (PDF) - NTE Electronics

NTE7146 Datasheet PDF - NTE Electronics
Part # NTE7146
Download  NTE7146 Download
File Size   26.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting

NTE7146 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7146 Datasheet PDF - NTE Electronics

Part # NTE7146
Download  NTE7146 Click to download

File Size   26.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting

NTE7146 Datasheet (HTML) - NTE Electronics


NTE7146 Product details

Description:
The NTE7146 is a class AB dual audio power amplifier assembled in an 11–Lead Staggered SIP type package specifically designed for high quality sound applications such as HI–FI music centers and stereo TV sets.

Features:
● Wide Supply Voltage Range
● High Output Power: 12W + 12W @ VS = 28V, RL = 8Ω, THD = 10%
● Mute facility (Pop Free) with Low Consumption
● AC Short Circuit Protection
● Thermal Overload Protection




Similar Part No. - NTE7146

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE714 NTE-NTE714 Datasheet
23Kb / 2P
Integrated Circuit Chroma Subcarrier Regeneration
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
More results


Similar Description - NTE7146

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1802 NTE-NTE1802 Datasheet
31Kb / 4P
Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
logo
STMicroelectronics
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
TDA7263M STMICROELECTRONICS-TDA7263M Datasheet
124Kb / 7P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
NTE Electronics
NTE1631 NTE-NTE1631 Datasheet
78Kb / 3P
Integrated Circuit FM Stereo Multiplexer w/ Soft Muting
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com