Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7148 Datasheet (PDF) - NTE Electronics

NTE7148 Datasheet PDF - NTE Electronics
Part # NTE7148
Download  NTE7148 Download
File Size   51.24 Kbytes
Page   7 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)

NTE7148 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7148 Datasheet PDF - NTE Electronics

Part # NTE7148
Download  NTE7148 Click to download

File Size   51.24 Kbytes
Page   7 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)

NTE7148 Datasheet (HTML) - NTE Electronics


NTE7148 Product details

Description:
The NTE7148 is an integrated circuit in a 52–Lead DIP type package designed for use in color TVs based on the NTSC (National Television System Committee) system with an on–chip circuit for all VIF, SIF, video, chroma, and deflection signal processing.

Functions and Features:
VIF
● PLL Detection (High Video and Audio Quality)
● High–Gain VIF Amplifier
● High Speed AGC
● On–Chip APC Time Constant Switch

SIF
● Simultaneous Sound IN/OUT
● Video/Audio Simultaneous Muting, or Audio–Only Muting Possible

Audio–Visual Switch
● Internal/External Audio–Visual Switch (VCC = 9V)

OSD
● RGB 3 Input
● RGB Linear Amplifier (–6dB Input: 2V to 5V)
● Fast Blanking (B Input Combined Use)

Chroma
● On–Chip ACC Filter
● On–Chip Killer Filter
● Killer–Circuit Hysteresis Operation
● On–Chip Carrier Filter

Video
● Black Enhancement
● DC Playback
● On–Chip Delay Line
● Wideband Width (9MHz): Delay Line Short
● Dual Rank On–Chip Differential Circuit Also Available for Soft Also
● S Input Supported (VCR Application)
● Variable DC Transmission Volume Available

Deflection
● Adjustment–Free Horizontal, Vertical Synchronization
● Dual AFC System with Excellent Anti–Noise Characteristics
● External Adjustmant of Vertical Synchronization Sensitivity
● Vertical Size is Constant with No–Signal
● Highly Stable Image During Playback of Copy Protected tapes (Macro–Vision Tape etc.)
● High Stability Against VCR Skew Distortion




Similar Part No. - NTE7148

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE714 NTE-NTE714 Datasheet
23Kb / 2P
Integrated Circuit Chroma Subcarrier Regeneration
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
More results


Similar Description - NTE7148

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
logo
NTE Electronics
NTE1846 NTE-NTE1846 Datasheet
22Kb / 2P
Integrated Circuit NTSC System Single-Chip Color TV Signal Processor
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
Integrated Circuit NTSC Single Chip Color TV Signal Processor
logo
Sanyo Semicon Device
LA7672 SANYO-LA7672 Datasheet
155Kb / 6P
Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
LA7674 SANYO-LA7674 Datasheet
155Kb / 6P
Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)?
logo
Mitsubishi Electric Sem...
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
NTSC System Single-Chip color TV Signal processor
logo
NTE Electronics
NTE1863 NTE-NTE1863 Datasheet
107Kb / 4P
Integrated Circuit Single−Chip Signal Processor for Color TV
NTE7168 NTE-NTE7168 Datasheet
30Kb / 3P
Integrated Circuit NTSC Single Chip Color TV
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com