Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7149 Datasheet (PDF) - NTE Electronics

NTE7149 Datasheet PDF - NTE Electronics
Part # NTE7149
Download  NTE7149 Download
File Size   57.37 Kbytes
Page   8 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC

NTE7149 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7149 Datasheet PDF - NTE Electronics

Part # NTE7149
Download  NTE7149 Click to download

File Size   57.37 Kbytes
Page   8 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC

NTE7149 Datasheet (HTML) - NTE Electronics


NTE7149 Product details

Description:
The NTE7149 is an integrated circuit in a 56–Lead DIP type package designed for use as a PIF, SIF, video, chroma and deflection circuit for NTSC color TVs. This device also provides audio/video switching and a text interface.

Features:
PIF Circuit
● PLL Type IF Demodulation (Bus Alignment)
● Adjustment Free AFT Without Tank Coil
● RF AGC Output (Delay Point: Bus Alignment)
● Dual Time Constant Fast AGC

Video Circuit
● Black Stretcher
● DC Restoration Circuit
● D.L. Aperture Compensate Circuit (Bus Control)
● Uni–Color Circuit (Bus Control)
● 3.58MHz Trap Filter Circuit (Bus ON/OFF)
● Y Delay Line Circuit
● Internal Filter Auto–Adjust Circuit (FSC Link Type)

Chroma Circuit
● Color Control Circuit (Bus Control)
● Tint Control Circuit (Bus Control)
● B.P.F. / T.O.F. Circuit (Bus Select)
● Included ACC/Killer Filter

SIF Circuit
● Inter Carrier SIF System
● External Sound Select Switch (Bus Select)
● Attenuator Circuit (Bus Control)

Text Circuit
● Linear RGB Input
● Cut Off/Drive Adjustment (Bus Adjustment)
● RGB Primary Color Output

Deflection Circuit
● Adjustment Free Countdown System
● Sync. Separation Output
● X–Ray Protect Circuit
● Vertical Amplitude Adjustment (Bus Adjustment)
● Vertical Ramp Output
● Dual Time Constant AFC Circuit
● Auto–Slicer Type High Performance Sync. Separation Circuit
● Horizontal and Vertical Position Adjustment (Bus Adjustment)




Similar Part No. - NTE7149

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE714 NTE-NTE714 Datasheet
23Kb / 2P
Integrated Circuit Chroma Subcarrier Regeneration
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
More results


Similar Description - NTE7149

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
logo
Panasonic Semiconductor
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
logo
Toshiba Semiconductor
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1268N TOSHIBA-TA1268N Datasheet
1Mb / 45P
I2C BUS CONTROL NTSE 1CHIP COLOR TV IC
TA8879N TOSHIBA-TA8879N Datasheet
1Mb / 60P
1 CHIP NTSC COLOR TV
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
NTE Electronics
NTE7168 NTE-NTE7168 Datasheet
30Kb / 3P
Integrated Circuit NTSC Single Chip Color TV
logo
Toshiba Semiconductor
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com