| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
1402561
|
106Kb / 4P |
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 5 m, For valve connector
|
|
1402562
|
100Kb / 4P |
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 10 m, For valve connector
|
|
1404965
|
114Kb / 4P |
Sensor/actuator cable, 8-pos., PUR, halogen free, RAL 7021 (black gray), shielded, free cable end, to straight M12 socket, A-coded, cable length: 100 m, high-grade steel knurl
|
|
1407865
|
96Kb / 2P |
Bus system cable, CANopen짰, 5-position, PUR halogen-free, gray RAL 7001, shielded, free cable end, on Socket straight M12 SPEEDCON, A-coded, cable length: 1.2 m, Connector unshielded, with plastic knurl
|
|
1413004
|
114Kb / 4P |
Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 35 m
|
|
1425099
|
120Kb / 5P |
Power cable, 4-position, PVC, black-gray RAL 7021, Socket angled M12, L-coded, on free cable end, cable length: 5 m, for direct current up to 16 A/63 V
|
|
1513619
|
106Kb / 4P |
Bus system cable, CANopen짰, DeviceNet?? 5-position, PUR halogen-free, violet RAL 4001, shielded, Plug straight M12, A-coded, on free cable end, cable length: 3 m
|
|
1515109
|
106Kb / 5P |
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 15 m
|
|
1515183
|
78Kb / 5P |
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, free cable end, on Socket straight M12, A-coded, cable length: 10 m
|
|
1546657
|
107Kb / 4P |
Sensor/actuator cable, 4-position, PUR, orange RAL 2003, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 3 m
|
|