Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE72 Datasheet (PDF) - NTE Electronics

NTE72 Datasheet PDF - NTE Electronics
Part # NTE72
Download  NTE72 Download
File Size   25.23 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Current Amp, Fast Switch

NTE72 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE72 Datasheet PDF - NTE Electronics

Part # NTE72
Download  NTE72 Click to download

File Size   25.23 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Current Amp, Fast Switch

NTE72 Datasheet (HTML) - NTE Electronics


NTE72 Product details

Features:

• High Power: 100W @ TC = +50°C, VCE = 40V

• High Voltage: VCEO = 80V Min

• High Current Saturation Voltage: VCE(sat) = 1.5V @ 10A

• High Frequency: fT = 30MHz Min

• Isolated Collector Package, No Isolating hardware Required



 




Similar Part No. - NTE72

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7200 NTE-NTE7200 Datasheet
44Kb / 2P
Intergrated Circuit FM Stereo Transmitter
NTE7208 NTE-NTE7208 Datasheet
66Kb / 4P
Integrated Circuit Constant Current Single Output LED Driver
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE722 NTE-NTE722 Datasheet
22Kb / 2P
Integrated Circuit FM Stereo Multiplex Decoder
NTE723 NTE-NTE723 Datasheet
22Kb / 2P
Integrated Circuit FM Sound System
More results


Similar Description - NTE72

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2572 NTE-NTE2572 Datasheet
21Kb / 2P
Silicon NPN Transistor High Current Switch
NTE2590 NTE-NTE2590 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2591 NTE-NTE2591 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2593 NTE-NTE2593 Datasheet
21Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2594 NTE-NTE2594 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2596 NTE-NTE2596 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE379 NTE-NTE379 Datasheet
22Kb / 3P
Silicon NPN Transistor Power Amp, High Voltage, Switch
NTE394 NTE-NTE394 Datasheet
19Kb / 2P
Silicon NPN Transistor Power Amp, High Voltage Switch
NTE70 NTE-NTE70 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Power Amp, Switch
NTE71 NTE-NTE71 Datasheet
22Kb / 2P
Silicon NPN Transistor High Current Amp, Fast Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com