| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
TP-5120S
|
58Kb / 3P |
IP65 degree of protection (front) IP20 degree of protection (back)
|
|
TP-5150S
|
57Kb / 3P |
IP65 degree of protection (front) IP20 degree of protection (back)
|
|
1582462
|
44Kb / 2P |
Seal for one AS-i line, 17.2 x 9 mm, from NBR, black, for IP65/67 degree of protection
|
|
1582464
|
44Kb / 2P |
Seal for two AS-i lines, 17.2 x 9 mm, from NBR, black, for IP65/67 degree of protection
|
|
2701338
|
79Kb / 8P |
IP65 degree of protection (front) IP20 degree of protection (back)
|
 Weidmuller |
2488600000
|
363Kb / 8P |
HDC enclosures, Size: 8, Protection degree: IP65
November 9, 2021 |
 Molex Electronics Ltd. |
1300960044
|
152Kb / 1P |
STRAIN RELIEF LIQUID TIGHT CONDUIT 45 DEGREE-MALE
2015/04/27 |
|
1300960048
|
152Kb / 1P |
STRAIN RELIEF LIQUID TIGHT CONDUIT 45 DEGREE-MALE
2015/04/27 |
|
1300960052
|
151Kb / 1P |
STRAIN RELIEF LIQUID TIGHT CONDUIT STRAIGHT- 90 DEGREE
2015/04/27 |
|
1300960053
|
151Kb / 1P |
STRAIN RELIEF LIQUID TIGHT CONDUIT STRAIGHT- 90 DEGREE
2015/04/27 |