Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX34C Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BDX34C Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BDX34C
Download  BDX34C Download
File Size   121.81 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Darlington Power Transistor

BDX34C Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX34C Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BDX34C
Download  BDX34C Click to download

File Size   121.81 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Darlington Power Transistor

BDX34C Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BDX34C Product details

DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

..designed for general-purpose amplifier and low speed switching application*

FEATURES:
* Collector-Emitter Sustaining Voltage
   VCEO(sus) = 45 V (Min) -  BDX33.   BUX34
                      = 60 V(Min)-    BDX33A. BDX34A
                      = 80V (Min)-    BDX33B. BDX34B
                      = 100 V(Mln) - BDX33C. BOX34C
* Monolithic Construction wtth Built-in Base-Emitter Shunt Resistor




Similar Part No. - BDX34C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX34C MOSPEC-BDX34C Datasheet
92Kb / 2P
POWER TRANSISTORS(10A,70W)
logo
ON Semiconductor
BDX34C ONSEMI-BDX34C Datasheet
135Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
BDX34C POINN-BDX34C Datasheet
91Kb / 7P
Transistor de puissance PNP darlington
BDX34C POINN-BDX34C Datasheet
166Kb / 7P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
BDX34C STMICROELECTRONICS-BDX34C Datasheet
35Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
More results


Similar Description - BDX34C

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com