| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
1424345
|
62Kb / 3P |
Sleeve housing D15, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 56 mm, cable gland: none, support sleeve: no, 1x M20, Standard
|
|
1424347
|
63Kb / 3P |
Sleeve housing D15, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 56 mm, cable gland: none, support sleeve: no, 1x Pg16, Standard
|
|
1424349
|
63Kb / 3P |
Sleeve housing D15, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 68 mm, cable gland: none, support sleeve: no, 1x Pg21, Standard
|
|
1424366
|
69Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 52 mm, cable gland: none, support sleeve: no, 2x Pg16, Standard
|
|
1424369
|
69Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant
|
|
1424371
|
68Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant
|
|
1424392
|
69Kb / 3P |
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M20, Standard
|
|
1424393
|
69Kb / 3P |
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M25, Standard
|
|
1424394
|
68Kb / 3P |
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x Pg16, Standard
|
|
1424413
|
67Kb / 3P |
Box mounting bases D50, with double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 82 mm, cable gland: none, support sleeve: no, 2x M25, Standard
|
|