Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE746 Datasheet (PDF) - NTE Electronics

NTE746 Datasheet PDF - NTE Electronics
Part # NTE746
Download  NTE746 Download
File Size   23.0 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Video IF Amplifier

NTE746 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE746 Datasheet PDF - NTE Electronics

Part # NTE746
Download  NTE746 Click to download

File Size   23.0 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Video IF Amplifier

NTE746 Datasheet (HTML) - NTE Electronics


NTE746 Product details

Description:

The NTE746 is a monolithic integrated circuit in an 8–Lead DIP type package with wide–range AGC for replacement of 1st and 2nd IF stages in solid–state color and black and white TV sets. It will directly drive a 3rd IF stage.



Features:

• Center Frequency: FO = 45MHz

• Bandwidth: BW = 6MHz

• Power Gain: 50dB Min

• AGC Range: 60dB Min

• Low Reverse–Transfer Admittance: 1µmho Typ

• Y21 Constant to 75MHz

• 12V Operation, Single–Polarity Power Supply

• Total Supply Current: 20mA Typ

• Nearly Constant Input and Output Admittance over the Entire AGC Range



Applications:

• TV Video IF

• Defense Communications Satellite Programs

• Combined AM/FM Radio IF Amplifiers

• Linear Switch or Chopper for Multiplex Modulation or Demodulation



 




Similar Part No. - NTE746

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7400 NTE-NTE7400 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE7401 NTE-NTE7401 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE7402 NTE-NTE7402 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE7402 NTE-NTE7402 Datasheet
69Kb / 3P
Integrated Circuit TTL ??Quad 2?묲nput Positive NOR Gate
NTE7403 NTE-NTE7403 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
More results


Similar Description - NTE746

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1128 NTE-NTE1128 Datasheet
22Kb / 2P
Integrated Circuit TV Video IF Amplifier
NTE1187 NTE-NTE1187 Datasheet
20Kb / 2P
Integrated Circuit TV Video IF Detector
NTE1213 NTE-NTE1213 Datasheet
21Kb / 2P
Integrated Circuit TV Video IF Amp
NTE1413 NTE-NTE1413 Datasheet
27Kb / 3P
Integrated Circuit Video IF Amplifier
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
Integrated Circuit TV Video IF, Sound IF
NTE1607 NTE-NTE1607 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE749 NTE-NTE749 Datasheet
23Kb / 2P
Integrated Circuit TV Video IF Amp
NTE984 NTE-NTE984 Datasheet
23Kb / 3P
Integrated Circuit TV Video IF System
NTE1492 NTE-NTE1492 Datasheet
71Kb / 2P
Integrated Circuit TV Video IF Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com