Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1606246 Datasheet (PDF) - PHOENIX CONTACT

1606246 Datasheet PDF - PHOENIX CONTACT
Part # 1606246
Download  1606246 Download
File Size   64.69 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 81, type of contact: Socket, Solder connection

1606246 Datasheet (PDF)

Go To PDF Page Download Datasheet
1606246 Datasheet PDF - PHOENIX CONTACT

Part # 1606246
Download  1606246 Click to download

File Size   64.69 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 81, type of contact: Socket, Solder connection

1606246 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1606246

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1606200000 WEIDMULLER-1606200000 Datasheet
61Kb / 1P
SL 5.08/2/135B
logo
Silicon Laboratories
1606201 SILABS-1606201 Datasheet
90Kb / 2P
This change does not impact form, fit, function, quality or reliability.
logo
Weidmuller
1606210000 WEIDMULLER-1606210000 Datasheet
61Kb / 1P
SL 5.08/2/135B
logo
OSA Opto Light GmbH
160622 OSA-160622 Datasheet
53Kb / 1P
GaP / GaP LED Chips
More results


Similar Description - 1606246

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
1593754 PHOENIX-1593754 Datasheet
63Kb / 2P
Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 6, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm
1603748 PHOENIX-1603748 Datasheet
64Kb / 2P
Cable connector, angled, shielded: yes, Screw locking, M23, No. of pos.: 63, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm
1603749 PHOENIX-1603749 Datasheet
64Kb / 2P
Cable connector, angled, shielded: yes, Screw locking, M23, No. of pos.: 63, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm
1606387 PHOENIX-1606387 Datasheet
71Kb / 2P
Feed-through of rear wall, straight, shielded: yes, Screw locking, M23, No. of pos.: 12, type of contact: Socket, Crimp connection, Axial O-ring, Central fixing, cable diameter range: 2 mm ... 14.5 mm
2314299 PHOENIX-2314299 Datasheet
47Kb / 3P
Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 2.0 m
2314312 PHOENIX-2314312 Datasheet
47Kb / 3P
Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 4.0 m
2314341 PHOENIX-2314341 Datasheet
47Kb / 3P
Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 2.0 m
2314354 PHOENIX-2314354 Datasheet
47Kb / 3P
Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 3.0 m
2314370 PHOENIX-2314370 Datasheet
47Kb / 3P
Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 10.0 m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com