Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8186-EVAL Datasheet (PDF) - Analog Devices

AD8186-EVAL Datasheet PDF - Analog Devices
Part # AD8186-EVAL
Download  AD8186-EVAL Download
File Size   474.11 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers

AD8186-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8186-EVAL Datasheet PDF - Analog Devices

Part # AD8186-EVAL
Download  AD8186-EVAL Click to download

File Size   474.11 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers

AD8186-EVAL Datasheet (HTML) - Analog Devices


AD8186-EVAL Product details

GENERAL DESCRIPTION
The AD8186 (G = +1) and AD8187 (G = +2) are high speed, single-supply, triple 2-to-1 multiplexers. They offer –3 dB large signal bandwidth of over 480 MHz along with a slew rate in excess of 1500 V/µs. With better than –80 dB of all hostile crosstalk and –95 dB OFF isolation, they are suited for many high speed applications. The differential gain and differential phase error of 0.05% and 0.05°, along with 0.1 dB flatness to 85 MHz, make the AD8186 and AD8187 ideal for professional and component video multiplexing.

FEATURES
Fully Buffered Inputs and Outputs
Fast Channel-to-Channel Switching: 4 ns
Single-Supply Operation (5 V)
High Speed:
  480 MHz Bandwidth (–3 dB) 2 V p-p
  >1600 V/s (G = +1)
  >1500 V/s (G = +2)
Fast Settling Time of 7 ns to 0.1%
Low Current: 19 mA/20 mA
Excellent Video Specifications (RL = 150 )
0.05% Differential Gain Error
0.05 Differential Phase Error
Low Glitch
All Hostile Crosstalk
  –84 dB @ 5 MHz
  –52 dB @ 100 MHz
High Off Isolation of –95 dB @ 5 MHz
Low Cost
Fast, High Impedance Disable Feature for Connecting Multiple Outputs
Logic-Shifted Outputs

APPLICATIONS
Switching RGB in LCD and Plasma Displays
RGB Video Switchers and Routers




Similar Part No. - AD8186-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8186-EVAL AD-AD8186-EVAL Datasheet
479Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
426Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results


Similar Description - AD8186-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8188 AD-AD8188 Datasheet
825Kb / 24P
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
10/06-Revision 0
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
Triple 2 1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com