Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3991 Datasheet (PDF) - Maxim Integrated Products

MAX3991 Datasheet PDF - Maxim Integrated Products
Part # MAX3991
Download  MAX3991 Download
File Size   261.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10Gbps Clock and Data Recovery with Limiting Amplifier

MAX3991 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3991 Datasheet PDF - Maxim Integrated Products

Part # MAX3991
Download  MAX3991 Click to download

File Size   261.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10Gbps Clock and Data Recovery with Limiting Amplifier

MAX3991 Datasheet (HTML) - Maxim Integrated Products


MAX3991 Product details

General Description

The MAX3991 is a 10Gbps clock and data recovery (CDR) with limiting amplifier IC for XFP optical receivers.

The MAX3991 and the MAX3992 (CDR with equalizer) form a signal conditioner chipset for use in XFP trans

ceiver modules. The chipset is XFI compliant and offers multirate operation for data rates from 9.95Gbps to 11.1Gbps.



Features

♦Multirate Operation from 9.95Gbps to 11.1Gbps

♦7mVP-P Input Sensitivity (BER ≤10-12)

♦0.6UIP-P Total High-Frequency Jitter Tolerance

♦Low-Output Jitter Generation: 7mUIRMS

♦Low-Output Deterministic Jitter: 4.6psP-P

♦XFI-Compliant Output Interface

♦LOS Indicator with Programmable Threshold

♦LOL Indicator

♦Power Dissipation: 350mW



Applications

9.95Gbps to 11.1Gbps Optical XFP Modules

SONET OC-192/SDH STM-64 XFP Transceivers

10.3Gbps/11.1Gbps Ethernet XFP Transceivers

10.5Gbps Fibre-Channel XFP Transceivers

10Gbps DWDM Transceivers




Similar Part No. - MAX3991

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX399 MAXIM-MAX399 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3992UTG MAXIM-MAX3992UTG Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3992UTG+* MAXIM-MAX3992UTG+* Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
More results


Similar Description - MAX3991

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
2/06-Revision 0
logo
Vitesse Semiconductor C...
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3882A MAXIM-MAX3882A Datasheet
220Kb / 13P
2.488Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier
Rev 2; 4/09
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com