Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE608N Datasheet (PDF) - Nihon Inter Electronics Corporation

PE608N Datasheet PDF - Nihon Inter Electronics Corporation
Part # PE608N
Download  PE608N Download
File Size   193.85 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 60A/800V

PE608N Datasheet (PDF)

Go To PDF Page Download Datasheet
PE608N Datasheet PDF - Nihon Inter Electronics Corporation

Part # PE608N
Download  PE608N Click to download

File Size   193.85 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 60A/800V

PE608N Datasheet (HTML) - Nihon Inter Electronics Corporation


PE608N Product details

DIODE MODULE 60A/800V

FEATURES
* Cathode & Anode Common
* 3 Phase Half Bridge Circuit
* High Surge Capability
* UL Recognized, File No. E187184

TYPICAL APPLICATIONS
* Rectified For General Use




Similar Part No. - PE608N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE608N NIEC-PE608N Datasheet
153Kb / 2P
60A Avg 800 Volts
PE608N NIEC-PE608N_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
logo
National Instruments Co...
PE608N NI-PE608N_15 Datasheet
153Kb / 2P
DIODE
More results


Similar Description - PE608N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT768 NIEC-PT768 Datasheet
137Kb / 3P
DIODE MODULE 75A/800V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PC608 NIEC-PC608 Datasheet
192Kb / 3P
DIODE MODULE 60A/800V
PC1008 NIEC-PC1008 Datasheet
194Kb / 3P
DIODE MODULE 100A/800V
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
DIODE MODULE 150A/800V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
DIODE MODULE 200A/800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
THYRISTOR MODULE 60A/800V
PDT608 NIEC-PDT608 Datasheet
250Kb / 5P
THYRISTOR MODULE 60A/800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
DIODE MODULE 50A/800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com