Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6C Datasheet (PDF) - Zowie Technology Corporation

SMA6C Datasheet PDF - Zowie Technology Corporation
Part # SMA6C
Download  SMA6C Download
File Size   146.74 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description High power density 600W TVS

SMA6C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA6C Datasheet PDF - Zowie Technology Corporation

Part # SMA6C
Download  SMA6C Click to download

File Size   146.74 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description High power density 600W TVS

SMA6C Datasheet (HTML) - Zowie Technology Corporation




Similar Part No. - SMA6C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMA6.0 MIC-SMA6.0 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMA6.0 SUNMATE-SMA6.0 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
MIC GROUP RECTIFIERS
SMA6.0A MIC-SMA6.0A Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMA6.0A SUNMATE-SMA6.0A Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Compact Technology Corp...
SMA6.0A CTC-SMA6.0A Datasheet
65Kb / 3P
Transient Voltage Suppressors
More results


Similar Description - SMA6C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
logo
Zowie Technology Corpor...
1.5SMPC ZOWIE-1.5SMPC Datasheet
122Kb / 3P
High power density 1.5KW TVS
2.0SMPC ZOWIE-2.0SMPC Datasheet
123Kb / 3P
High power density 2KW TVS
4.5SMCC16AH ZOWIE-4.5SMCC16AH Datasheet
73Kb / 2P
High power density 4500W TVS
SMF4C ZOWIE-SMF4C Datasheet
122Kb / 3P
High power density 400W TVS
logo
Shindengen Electric Mfg...
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
TVS 14A, 600W
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
TVS 11A, 600W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com