Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC88E43 Datasheet (PDF) - List of Unclassifed Manufacturers

SC88E43 Datasheet PDF - List of Unclassifed Manufacturers
Part # SC88E43
Download  SC88E43 Download
File Size   389.16 Kbytes
Page   25 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2

SC88E43 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC88E43 Datasheet PDF - List of Unclassifed Manufacturers

Part # SC88E43
Download  SC88E43 Click to download

File Size   389.16 Kbytes
Page   25 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2

SC88E43 Datasheet (HTML) - List of Unclassifed Manufacturers


SC88E43 Product details

[Silan]

DESCRIPTION
The SC88E43 Calling Number Identification Circuit 2(ECNIC2) is a low power CMOS integrated circuit intended for receiving physical layer signals transmitted according to BT (British Telecom) SIN227 & SIN242, the U.K.’s CCA (Cable Communications Association) TW/P&E/312 and Bellcore GR-30-CORE & SR-TSV-002476 specifications. The SC88E43 is suitable for applications using a fixed voltage power source between 3 and 5V ±10%.

FEATURES
* Compatible with:
    -- British Telecom (BT) SIN227 & SIN242
    -- U.K.’s Cable Communications Association (CCA) specification TW/P&E/312
    -- Bellcore GR-30-CORE (formerly known as TR-NWT-000030) & SR-TSV-002476
* Bellcore “CPE” Alerting Signal” (CAS) and BT “Idle State Tone Alert Signal” detection
* Ring and line reversal detection
* 1200 baud Bell 202 and CCITT V.23 Frequency Shift Keying (FSK) demodulation
* 3 or 5V ±10% supply voltage
* High input sensitivity (-40dBv Tone and FSK Detection)
* Selectable 3-wire FSK data interface (microcontroller or SC88E43 controlled)
* Low power CMOS with powerdown mode
* Input gain adjustable amplifier
* Carrier detect status output
* Uses 3.58 MHz crystal

APPLICATIONS
* BT Calling Line Identity Presentation (CLIP), CCA CLIP, and Bellcore Calling Identity Delivery (CID) systems
* Feature phones, including Analog Display Services Interface (ADSI) phones
* Phone set adjunct boxes
* FAX and answering machines
* Database query and Computer Telephony Integration (CTI) systems




Similar Part No. - SC88E43

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8801 FAIRVIEW-SC8801 Datasheet
594Kb / 3P
SMC Plug Connector Crimp/Solder Attachment for 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable Gold Plated
REV 2.1
SC8803 FAIRVIEW-SC8803 Datasheet
596Kb / 3P
RA SMC Plug Connector Crimp/Solder Attachment for 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable Gold Plated
REV 2.1
SC8804 FAIRVIEW-SC8804 Datasheet
384Kb / 2P
SMC Jack Bulkhead PCB Connector 0.062 inch End Launch Solder Attachment
REV 1.0
SC8805 FAIRVIEW-SC8805 Datasheet
426Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG405 Cable
REV 1.0
SC8806 FAIRVIEW-SC8806 Datasheet
487Kb / 3P
SMC Plug Connector Clamp/Solder Attachment For RG405 Cable
REV 1.0
More results


Similar Description - SC88E43

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
CMOS Calling Number Identification Circuit
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
CMOS Calling Number Identification Circuit 2 Preliminary Information
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E41 ZARLINK-MT88E41 Datasheet
888Kb / 16P
CMOS Extended Voltage Calling Number Identification Circuit (ECNIC)
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
Extended Voltage Calling Number Identification Circuit 2
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
4-Wire Calling Number Identification Circuit 2
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
Bellcore Compliant Calling Number Identification Circuit
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
Calling Number Identification Circuit
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
Bellcore Compliant Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
Extended Voltage Calling Number Identification Circuit 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com