Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTDB2M832 Datasheet (PDF) - Zetex Semiconductors

ZXTDB2M832 Datasheet PDF - Zetex Semiconductors
Part # ZXTDB2M832
Download  ZXTDB2M832 Download
File Size   264.06 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR

ZXTDB2M832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTDB2M832 Datasheet PDF - Zetex Semiconductors

Part # ZXTDB2M832
Download  ZXTDB2M832 Click to download

File Size   264.06 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR

ZXTDB2M832 Datasheet (HTML) - Zetex Semiconductors


ZXTDB2M832 Product details

DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP (Micro Leaded Package), these low saturation NPN / PNP combination dual transistors offer lower on state losses making them ideal for use in DC-DC circuits and various driving and power-management functions.

Users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Low Saturation Voltage (150mV max @1A--NPN)
• HFE specified up to 6A
• IC = 4.5A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZXTDB2M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTDB2M832 DIODES-ZXTDB2M832 Datasheet
270Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
JUNE 2002
ZXTDB2M832TA DIODES-ZXTDB2M832TA Datasheet
270Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
JUNE 2002
ZXTDB2M832TC DIODES-ZXTDB2M832TC Datasheet
270Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
JUNE 2002
More results


Similar Description - ZXTDB2M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
Rev 3
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTN618MA DIODES-ZXTN618MA Datasheet
164Kb / 7P
20V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTDB2M832 DIODES-ZXTDB2M832 Datasheet
270Kb / 8P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
JUNE 2002
ZXTD2M832 DIODES-ZXTD2M832 Datasheet
396Kb / 6P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
ZXTC6718MC DIODES-ZXTC6718MC_15 Datasheet
231Kb / 9P
COMPLEMENTARY 20V LOW SATURATION TRANSISTORS
Rev 4
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTD718MC DIODES-ZXTD718MC_15 Datasheet
195Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTN618MA DIODES-ZXTN618MA_15 Datasheet
166Kb / 7P
20V NPN LOW SATURATION TRANSISTOR
Rev 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com