Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK525 Datasheet (PDF) - Toshiba Semiconductor

2SK525 Datasheet PDF - Toshiba Semiconductor
Part # 2SK525
Download  2SK525 Download
File Size   94.1 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON P-CHANNEL MOS FET

2SK525 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK525 Datasheet PDF - Toshiba Semiconductor

Part # 2SK525
Download  2SK525 Click to download

File Size   94.1 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON P-CHANNEL MOS FET

2SK525 Datasheet (HTML) - Toshiba Semiconductor


2SK525 Product details

HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATION

DC-DC CONVERTER, MOTOR AND SOLENOID DRIVER APPLICATION



FEATURES

Low Drain-Source ON Resistance : RDS(ON) = 2.0Ω(Typ.)

High Forward Transfer Admittance |Yfs| = 4S(Typ.)

High Drain Current           : IDP = 15A(Max.)

Low Leadage Current : IGSS =±100nA(Max.) @ VGS= ±20V

                              IDSS = 1mA(Max.) @ VDS= 150V

 




Similar Part No. - 2SK525

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK525 ISC-2SK525 Datasheet
68Kb / 2P
Fast Switching Speed
More results


Similar Description - 2SK525

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ547 RENESAS-2SJ547 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ553 RENESAS-2SJ553 Datasheet
96Kb / 9P
Silicon P Channel MOS FET
2SJ410 RENESAS-2SJ410 Datasheet
1Mb / 5P
Silicon P Channel MOS FET
2SJ484 RENESAS-2SJ484 Datasheet
79Kb / 7P
Silicon P Channel MOS FET
2SJ505 RENESAS-2SJ505 Datasheet
97Kb / 9P
Silicon P Channel MOS FET
2SJ533 RENESAS-2SJ533 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ534 RENESAS-2SJ534 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com