Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8533-01 Datasheet (PDF) - Integrated Device Technology

8533-01 Datasheet PDF - Integrated Device Technology
Part # 8533-01
Download  8533-01 Download
File Size   266.38 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Different ial-to-3.3V LVPECL Fanout Buffer

8533-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
8533-01 Datasheet PDF - Integrated Device Technology

Part # 8533-01
Download  8533-01 Click to download

File Size   266.38 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Different ial-to-3.3V LVPECL Fanout Buffer

8533-01 Datasheet (HTML) - Integrated Device Technology


8533-01 Product details

GENERAL DESCRIPTION
The 8533-01 is a low skew, high performance 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer. The 8533-01 has two selectable clock inputs. The CLK, nCLK pair can accept most standard differential input levels. The PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels.

FEATURES
• Four differential 3.3V LVPECL outputs
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential
   input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
   LVPECL, CML, SSTL
• Maximum output frequency: 650MHz
• Translates any single-ended input signal to 3.3V
   LVPECL levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 1.4ns (maximum)
• Additive phase jitter, RMS: 0.06ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package
• Industrial temperature information available upon request




Similar Part No. - 8533-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
More results


Similar Description - 8533-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
8534-01 IDT-8534-01 Datasheet
377Kb / 21P
Different ial-to-3.3V LVPECL Fanout Buffer
85322 IDT-85322 Datasheet
160Kb / 13P
Dual LVCMOS / LVTTL-to-Different ial 2.5V / 3.3V LVPECL Translator
85411I IDT-85411I Datasheet
228Kb / 15P
Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
1:2 Different ial-to-LVPECL Buffer/Divider
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com