Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40-3200345R Datasheet (PDF) - Harwin Plc

M40-3200345R Datasheet PDF - Harwin Plc
Part # M40-3200345R
Download  M40-3200345R Download
File Size   145.73 Kbytes
Page   2 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 1.00mm PITCH DIL SMT PIN HEADER ASSEMBLY

M40-3200345R Datasheet (PDF)

Go To PDF Page Download Datasheet
M40-3200345R Datasheet PDF - Harwin Plc

Part # M40-3200345R
Download  M40-3200345R Click to download

File Size   145.73 Kbytes
Page   2 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 1.00mm PITCH DIL SMT PIN HEADER ASSEMBLY

M40-3200345R Datasheet (HTML) - Harwin Plc




Similar Part No. - M40-3200345R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M40-3010246R HARWIN-M40-3010246R Datasheet
182Kb / 2P
WAFER 1.00mm TOP ENTRY SMT TYPE
M40-3010346R HARWIN-M40-3010346R Datasheet
182Kb / 2P
WAFER 1.00mm TOP ENTRY SMT TYPE
M40-3010446R HARWIN-M40-3010446R Datasheet
182Kb / 2P
WAFER 1.00mm TOP ENTRY SMT TYPE
M40-3010546R HARWIN-M40-3010546R Datasheet
182Kb / 2P
WAFER 1.00mm TOP ENTRY SMT TYPE
M40-3010646R HARWIN-M40-3010646R Datasheet
182Kb / 2P
WAFER 1.00mm TOP ENTRY SMT TYPE
More results


Similar Description - M40-3200345R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-2520205 HARWIN-M22-2520205 Datasheet
85Kb / 1P
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-5320205 HARWIN-M22-5320205 Datasheet
92Kb / 1P
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY
M50-360 HARWIN-M50-360_11 Datasheet
60Kb / 1P
1.27mm PITCH DIL VERTICAL SMT PIN HEADER
M50-360XX42 HARWIN-M50-360XX42 Datasheet
56Kb / 1P
1.27MM PITCH DIL VERTICAL SMT PIN HEADER
logo
List of Unclassifed Man...
M50-3600542 ETC2-M50-3600542 Datasheet
60Kb / 1P
1.27mm PITCH DIL VERTICAL SMT PIN HEADER
logo
Harwin Plc
M20-9970245 HARWIN-M20-9970245 Datasheet
56Kb / 1P
2.54mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-2020205 HARWIN-M22-2020205 Datasheet
56Kb / 1P
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-5430305 HARWIN-M22-5430305 Datasheet
62Kb / 1P
2.00m PITCH DIL HORIZONTAL SMT PIN HEADER ASSEMBLY
M50-3600242 HARWIN-M50-3600242 Datasheet
76Kb / 1P
1.27mm PITCH DIL VERTICAL SMT PIN HEADER
M50-4910545R HARWIN-M50-4910545R Datasheet
132Kb / 2P
1.27mm PITCH DIL SMT PIN HEADER ASSEMBLY WITH PEGS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com