Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9530PBF Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF9530PBF Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF9530PBF
Download  IRF9530PBF Download
File Size   390.18 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

IRF9530PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9530PBF Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF9530PBF
Download  IRF9530PBF Click to download

File Size   390.18 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

IRF9530PBF Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF9530PBF Product details

• DESCRIPTION
• Power management in notebook computer
• Portable equipment and battery powered systems

• FEATURES
• Static drain-source on-resistance: RDS(on)≤0.3Ω
• Enhancement mode:
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device performance and reliable operation




Similar Part No. - IRF9530PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530PBF IRF-IRF9530PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET
logo
Vishay Siliconix
IRF9530PBF VISHAY-IRF9530PBF Datasheet
566Kb / 8P
Power MOSFET
16-Jun-08
logo
VBsemi Electronics Co.,...
IRF9530PBF VBSEMI-IRF9530PBF Datasheet
1,002Kb / 7P
P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
IRF9530PBF VISHAY-IRF9530PBF Datasheet
158Kb / 8P
Power MOSFET
16-Aug-2021
IRF9530PBF-BE3 VISHAY-IRF9530PBF-BE3 Datasheet
158Kb / 8P
Power MOSFET
16-Aug-2021
More results


Similar Description - IRF9530PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com