Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FML-4202S Datasheet (PDF) - Sanken electric

FML-4202S Datasheet PDF - Sanken electric
Part # FML-4202S
Download  FML-4202S Download
File Size   243.05 Kbytes
Page   6 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description VRM = 200 V, IF(AV) = 20 A, trr = 40 ns Fast Recovery Diode

FML-4202S Datasheet (PDF)

Go To PDF Page Download Datasheet
FML-4202S Datasheet PDF - Sanken electric

Part # FML-4202S
Download  FML-4202S Click to download

File Size   243.05 Kbytes
Page   6 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description VRM = 200 V, IF(AV) = 20 A, trr = 40 ns Fast Recovery Diode

FML-4202S Datasheet (HTML) - Sanken electric




Similar Part No. - FML-4202S

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FML-4202S THINKISEMI-FML-4202S Datasheet
5Mb / 2P
20Amperes,200Volts Insulated Common Cathode Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
FML-4202S ISC-FML-4202S Datasheet
299Kb / 2P
Fast Recovery Rectifier
More results


Similar Description - FML-4202S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
logo
STMicroelectronics
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
logo
Fairchild Semiconductor
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
2Mb / 4P
Ultrafast Recovery trr = 40 ns (@ IF = 1 A)
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
2Mb / 5P
Hyperfast Recovery trr = 70 ns (@ IF= 8 A)
logo
Sanken electric
CTXS-5306S SANKEN-CTXS-5306S Datasheet
269Kb / 6P
VRM = 600 V, IF(AV) = 30 A, trr = 35 ns Fast Recovery Diode
CTXS-5606S SANKEN-CTXS-5606S Datasheet
276Kb / 6P
VRM = 600 V, IF(AV) = 60 A, trr = 50 ns Fast Recovery Diode
FMLB-4204S SANKEN-FMLB-4204S Datasheet
240Kb / 6P
VRM = 400 V, IF(AV) = 20 A, trr = 50 ns Fast Recovery Diode
FMNS-4606S SANKEN-FMNS-4606S Datasheet
251Kb / 6P
VRM = 600 V, IF(AV) = 60 A, trr = 100 ns Fast Recovery Diode
logo
STMicroelectronics
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com