Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA3410 Datasheet (PDF) - Sanyo Semicon Device

LA3410 Datasheet PDF - Sanyo Semicon Device
Part # LA3410
Download  LA3410 Download
File Size   449.21 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories

LA3410 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3410 Datasheet PDF - Sanyo Semicon Device

Part # LA3410
Download  LA3410 Click to download

File Size   449.21 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories

LA3410 Datasheet (HTML) - Sanyo Semicon Device


LA3410 Product details

Overview

The LA3410 is a multiplex demodulator IC designed for FM stereo tuner. It features the VCO non-adjusting function that eliminates the need to adjust the free-running frequency of VCO.





Applications

• Home stereos, portable hi-fi sets.



Functions

• VCO non-adjusting function.

• PLL MPX stereo demodulator.

• Gain variable type post amplifier.

• VCO stop function.

• Separation adjust function.



Features

• Non-adjusting VCO : Eliminates the need to adjust the free-running frequency.

• Good temperature characteristic of VCO : ±0.1% typ. for ±50°C change.

• Low distortion at high frequencies in stereo main channel (0.06% at f=10kHz) (Non-adjusting PLL makes the capture range narrower, leading to improvement in beat distortion at high frequencies in stereo main channel.)

• Low distortion : 1kHz 300mV input mono 0.025% typ. main 0.02% typ.

• High S/N : 91dB typ. (mono 300mV input, LPF). 92dB typ. (mono 300mV input, IHF BPF).

• High voltage gain : Approximately 8.5dB (at standard constants).

• Wide dynamic range : Distortion 1.0% at mono 800mV, 1kHz input.

• Good ripple rejection of power supply : 34dB typ.




Similar Part No. - LA3410

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3401 SANYO-LA3401 Datasheet
470Kb / 16P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3450 SANYO-LA3450 Datasheet
426Kb / 16P
PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference
More results


Similar Description - LA3410

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
AM/FM Tuner with MPX Stereo Demodulator
LA3390 SANYO-LA3390 Datasheet
131Kb / 2P
PLL FM MPX Demodulator with Post Amplifier
LA3401 SANYO-LA3401 Datasheet
470Kb / 16P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3450 SANYO-LA3450 Datasheet
426Kb / 16P
PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
PLL FM MULTIPLEXER STEREO DEMODULATOR
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com