| Manufacturer | Part # | Datasheet | Description |
 Weidmuller |
0471780000
|
64Kb / 3P |
Neutral conductor modular terminal, 2.5 mm짼,Screw connection, PA 66, blue, TS 35
|
|
0474360000
|
67Kb / 3P |
Earth terminal, 2.5 mm짼, Screw connection
|
 PHOENIX CONTACT |
2764959
|
151Kb / 9P |
Practical and easy-to-wire conductor connection using extra finely stranded sturdy screw terminal blocks up to 2.5 mm짼
|
|
2907389
|
148Kb / 9P |
Practical and easy-to-wire conductor connection using extra finely stranded sturdy screw terminal blocks up to 2.5 mm짼
|
 Weidmuller |
1016200000
|
548Kb / 9P |
PE terminal, Screw connection, 2.5 mm짼, 300A
October 4, 2021 |
|
1020140000
|
666Kb / 17P |
Feed-through terminal, Screw connection, 4 mm짼
October 6, 2021 |
|
1041600000
|
566Kb / 13P |
Double-tier terminal, Screw connection, 2.5 mm짼
October 2, 2021 |
|
1041610000
|
569Kb / 13P |
Double-tier terminal, Screw connection, 2.5 mm짼
October 6, 2021 |
|
1041650000
|
555Kb / 13P |
Double-tier terminal, Screw connection, 2.5 mm짼
September 30, 2021 |
 WAGO Kontakttechnik Gmb... |
2002-1401-000-014
|
1Mb / 26P |
4-conductor through terminal block; 2.5 mm짼
24.11.2021 |