Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2909442 Datasheet (PDF) - PHOENIX CONTACT

2909442 Datasheet PDF - PHOENIX CONTACT
Part # 2909442
Download  2909442 Download
File Size   70.26 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Side element, with screw fixture, to attach profile cover UM 122 to DIN rail NS 35/7.5

2909442 Datasheet (PDF)

Go To PDF Page Download Datasheet
2909442 Datasheet PDF - PHOENIX CONTACT

Part # 2909442
Download  2909442 Click to download

File Size   70.26 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Side element, with screw fixture, to attach profile cover UM 122 to DIN rail NS 35/7.5

2909442 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2909442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909400 PHOENIX-2909400 Datasheet
313Kb / 9P
MKDSO 2,5/ 4-L RD - PCB terminal block
2909413 PHOENIX-2909413 Datasheet
96Kb / 2P
MKDSO 2,5/ 4-R RD
2909471 PHOENIX-2909471 Datasheet
47Kb / 2P
UM 122 FE foot element, for UM 122 profile housing
2909484 PHOENIX-2909484 Datasheet
49Kb / 2P
Electronic housing - UEGM-SE 5 BK OHNE LOGO(VPE100)
11/05/2018
More results


Similar Description - 2909442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709370 PHOENIX-2709370 Datasheet
88Kb / 3P
Side element with foot, low-profile design, left, for 73 mm wide Ushaped cover, with PE contact to the DIN rail.
2906364 PHOENIX-2906364 Datasheet
45Kb / 2P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2906487 PHOENIX-2906487 Datasheet
83Kb / 3P
Side element, left, with foot, width: 5 mm, length: 72 mm, for mounting on NS 32 or NS 35/7.5, with PE contact to the DIN rail
2909471 PHOENIX-2909471 Datasheet
47Kb / 2P
UM 122 FE foot element, for UM 122 profile housing
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
0807012 PHOENIX-0807012 Datasheet
62Kb / 3P
DIN rail perforated - NS 35/ 7,5 PERF 1000MM
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com