Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2970442 Datasheet (PDF) - PHOENIX CONTACT

2970442 Datasheet PDF - PHOENIX CONTACT
Part # 2970442
Download  2970442 Download
File Size   80.58 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Side element, 11.25 mm wide, without marker groove

2970442 Datasheet (PDF)

Go To PDF Page Download Datasheet
2970442 Datasheet PDF - PHOENIX CONTACT

Part # 2970442
Download  2970442 Click to download

File Size   80.58 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Side element, 11.25 mm wide, without marker groove

2970442 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2970442

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
29704-BRF-003-A MA-COM-29704-BRF-003-A Datasheet
366Kb / 2P
OptiPHY F155 Quad OC-3/STM-1 ATM/POS PHY
29704-BRF-003-A MA-COM-29704-BRF-003-A_15 Datasheet
366Kb / 2P
OptiPHY??F155 Quad OC-3/STM-1 ATM/POS PHY
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
29704-EVMD-001-C MA-COM-29704-EVMD-001-C_15 Datasheet
2Mb / 55P
OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer EVM User Manual
logo
PHOENIX CONTACT
2970426 PHOENIX-2970426 Datasheet
39Kb / 1P
Interface module - UMK- F48M-VR/VS
More results


Similar Description - 2970442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709354 PHOENIX-2709354 Datasheet
60Kb / 3P
Side element, with foot, low-profile version, right-hand, for 73 mm wide U-shaped cover.
2709383 PHOENIX-2709383 Datasheet
60Kb / 3P
Side element, without foot, low-profile version, for 73 mm wide U-shaped cover.
2955603 PHOENIX-2955603 Datasheet
123Kb / 4P
Side element, tall version, for closing both ends of the base element UM-BEFE, for 73 mm wide Ushaped profile cover
2959706 PHOENIX-2959706 Datasheet
122Kb / 3P
Side element, with foot, tall version, right-hand, for 60 mm wide U-shaped cover.
2959719 PHOENIX-2959719 Datasheet
59Kb / 3P
Side element, with foot, tall version, right-hand, for 73 mm wide U-shaped cover.
2959722 PHOENIX-2959722 Datasheet
121Kb / 3P
Side element, with foot, tall version, left-hand, for 60 mm wide U-shaped cover.
2959748 PHOENIX-2959748 Datasheet
55Kb / 3P
Side element, without foot, tall version, for 60 mm wide U-shaped cover.
2959751 PHOENIX-2959751 Datasheet
117Kb / 3P
Side element, without foot, tall version, for 73 mm wide U-shaped cover.
2962256 PHOENIX-2962256 Datasheet
69Kb / 2P
Side element, low-profile version, for 73 mm wide U-shaped cover
2970002 PHOENIX-2970002 Datasheet
60Kb / 3P
Universal module, comprising: Side element, 11.25 mm wide, with marker groove
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com