Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

601G-01ILF Datasheet (PDF) - Integrated Device Technology

601G-01ILF Datasheet PDF - Integrated Device Technology
Part # 601G-01ILF
Download  601G-01ILF Download
File Size   230.01 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW PHASE NOISE CLOCK MULTIPLIER

601G-01ILF Datasheet (PDF)

Go To PDF Page Download Datasheet
601G-01ILF Datasheet PDF - Integrated Device Technology

Part # 601G-01ILF
Download  601G-01ILF Click to download

File Size   230.01 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW PHASE NOISE CLOCK MULTIPLIER

601G-01ILF Datasheet (HTML) - Integrated Device Technology


601G-01ILF Product details

Description
The ICS601-01 is a low-cost, low phase noise, high-performance clock synthesizer for applications which require low phase noise and low jitter. It is IDT’s lowest phase noise multiplier, and also the lowest CMOS part in the industry. Using IDT’s patented analog and digital Phase-Locked Loop (PLL) techniques, the chip accepts a 10 - 27 MHz crystal or clock input, and produces output clocks up to 156 MHz at 3.3 V.

Features
• Packaged in 16-pin SOIC or TSSOP
• Available in Pb (lead) free package
• Uses fundamental 10 - 27 MHz crystal or clock
• Patented PLL with the lowest phase noise
• Output clocks up to 156 MHz at 3.3 V
• Low phase noise: -132 dBc/Hz at 10 kHz
• Low jitter - 18 ps one sigma typ.
• Full swing CMOS outputs with 25 mA drive capability
   at TTL levels
• Advanced, low power, sub-micron CMOS process
• Industrial temperature range available
• Operating voltage of 3.3V or 5V




Similar Part No. - 601G-01ILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
601G-01ILF RENESAS-601G-01ILF Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
601G-01ILFT RENESAS-601G-01ILFT Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
More results


Similar Description - 601G-01ILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com