Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL-LX5093SRD Datasheet (PDF) - LUMEX INC.

SSL-LX5093SRD Datasheet PDF - LUMEX INC.
Part # SSL-LX5093SRD
Download  SSL-LX5093SRD Download
File Size   69.02 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description QUASARBRITE T-5mm 660nm SUPER RED LED, RED DIFFUSED LENS

SSL-LX5093SRD Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX5093SRD Datasheet PDF - LUMEX INC.

Part # SSL-LX5093SRD
Download  SSL-LX5093SRD Click to download

File Size   69.02 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description QUASARBRITE T-5mm 660nm SUPER RED LED, RED DIFFUSED LENS

SSL-LX5093SRD Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX5093SRD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5093SRD-125 LUMEX-SSL-LX5093SRD-125 Datasheet
68Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRD-12V LUMEX-SSL-LX5093SRD-12V Datasheet
67Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRD-5V LUMEX-SSL-LX5093SRD-5V Datasheet
67Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRD-TR LUMEX-SSL-LX5093SRD-TR Datasheet
73Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRD-X LUMEX-SSL-LX5093SRD-X Datasheet
69Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
More results


Similar Description - SSL-LX5093SRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL-LX433SRD ETC1-SSL-LX433SRD Datasheet
48Kb / 1P
T-5mm (T-1 3/4) 660nm SUPER RED LED, RED DIFFUSED FREZNEL LENS
SSL-LX5063SRD ETC1-SSL-LX5063SRD Datasheet
48Kb / 1P
T-5mm (T-1 3/4) 660nm SUPER RED LED, RED DIFFUSED FREZNEL LENS
logo
LUMEX INC.
SSL-LX433SRD LUMEX-SSL-LX433SRD Datasheet
85Kb / 1P
T-5mm (T-1 3/4) 660nm SUPER RED LED, RED DIFFUSED FREZNEL LENS
SSL-LX5093SRC-E-TB LUMEX-SSL-LX5093SRC-E-TB Datasheet
274Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRD-5V LUMEX-SSL-LX5093SRD-5V Datasheet
67Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRD-125 LUMEX-SSL-LX5093SRD-125 Datasheet
68Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRD-TR LUMEX-SSL-LX5093SRD-TR Datasheet
73Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRSRD LUMEX-SSL-LX5093SRSRD Datasheet
68Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRT LUMEX-SSL-LX5093SRT Datasheet
68Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
SSL-LX5093SRT-11 LUMEX-SSL-LX5093SRT-11 Datasheet
68Kb / 1P
QUASARBRITE T-5mm 660mm SUPER RED LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com