Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX4201 Datasheet (PDF) - Gennum Corporation

GX4201 Datasheet PDF - Gennum Corporation
Part # GX4201
Download  GX4201 Download
File Size   156.01 Kbytes
Page   6 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Wideband, Monolithic 1x1 Video Crosspoint Switch

GX4201 Datasheet (PDF)

Go To PDF Page Download Datasheet
GX4201 Datasheet PDF - Gennum Corporation

Part # GX4201
Download  GX4201 Click to download

File Size   156.01 Kbytes
Page   6 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Wideband, Monolithic 1x1 Video Crosspoint Switch

GX4201 Datasheet (HTML) - Gennum Corporation


GX4201 Product details

CIRCUIT DESCRIPTION
The GX4201 is a wideband 1x1 video crosspoint implemented in bipolar monolithic technology. The device is characterized by excellent differential gain and phase in the enabled state, and very high off-isolation in the disabled state. The fully buffered unilateral signal path ensures negligible output to input feedback while delivering minimal output switching transients through make-before-break switching.

FEATURES
• -3 dB bandwidth, 300 MHz with CL = 0 pF
• off isolation at 100 MHz, 80 dB
• differential phase and gain at 4.43 MHz, 0.01° & 0.02%
• 800 µW disabled power consumption
• input signal levels from -2 V to +3 V
• logic input compatible with TTL and 5 V CMOS
• open collector TALLY output

APPLICATIONS
• very high quality video switching
• HDTV
• computer graphics
• RF switching/routing
• PCM/data routing




Similar Part No. - GX4201

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GX40-18P HIROSE-GX40-18P Datasheet
294Kb / 5P
0.4 mm Pitch, Space-saving Interface Connectors
GX40-18S HIROSE-GX40-18S Datasheet
294Kb / 5P
0.4 mm Pitch, Space-saving Interface Connectors
logo
Polyfet RF Devices
GX4001 POLYFET-GX4001 Datasheet
59Kb / 2P
RF POWER GAN TRANSISTOR
logo
Gennum Corporation
GX4002 GENNUM-GX4002 Datasheet
3Mb / 74P
Dynamic on-chip power management control
logo
Semtech Corporation
GX4002 SEMTECH-GX4002 Datasheet
3Mb / 74P
GX4002 2x2 14.025Gb/s Crosspoint Switch
More results


Similar Description - GX4201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
Intersil Corporation
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
logo
Analog Devices
AD8116 AD-AD8116_15 Datasheet
993Kb / 29P
Video Crosspoint Switch
REV. B
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
Video Crosspoint Switch
REV. B
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Analog Devices
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com