| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
88981133
|
1Mb / 5P |
16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
|
 PHOENIX CONTACT |
2700838
|
259Kb / 15P |
INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA
|
|
2701085
|
72Kb / 4P |
I/O expansion module for use with Nanoline base unit. Equipped with 6 digital input and 4 NPN digital output channels. A maximum of three I/O expansion modules can be attached to a base unit.
|
|
2701098
|
76Kb / 3P |
I/O expansion module for use with Nanoline base unit. Equipped with 4 analog input channels. A maximum of three I/O expansion modules can be attached to a base unit.
|
|
2701954
|
56Kb / 3P |
INTERBUS-ST analog output module, 4 outputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA, comprising: Moduleelectronics only
|
|
2726285
|
185Kb / 6P |
Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 20 mA, 0-10 V, 10 V, 2-wire connection method
|
|
2901538
|
799Kb / 10P |
Analog I/O extension module with 4 analog current/voltage outputs (0/4 mA ... 20 mA, 0...10 V), with screw connection, incl. DIN rail connector
|
 ZIEHL industrie-elektro... |
STW1000V2
|
331Kb / 1P |
DC Limit Relay for Standard Signals DC 0/4 - 20 mA, 0/2 - 10 V
|
 Schneider Electric |
RMCN22BD
|
131Kb / 6P |
Harmony Analog, Isolated analog converter, 0... 10 V or 4...20 mA to 0...10 V or 4...20 mA
Sep 13, 2021 |
|
RMCV60BD
|
132Kb / 6P |
Harmony analog, Isolated analog converter, 0.. 500 V voltage to 0....10 V or 4..20 mA
Sep 13, 2021 |