Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE970 Datasheet (PDF) - NTE Electronics

NTE970 Datasheet PDF - NTE Electronics
Part # NTE970
Download  NTE970 Download
File Size   25.47 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A

NTE970 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE970 Datasheet PDF - NTE Electronics

Part # NTE970
Download  NTE970 Click to download

File Size   25.47 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A

NTE970 Datasheet (HTML) - NTE Electronics


NTE970 Product details

Description:

The NTE970 is an adjustable 3–terminal positive voltage regulator in a TO3 type package capable of supplying in excess of 3 Amps over a 1.2V to 33V output range.



Features:

Adjustable Output Down to 1.2V

Guaranteed 3A Output Current

Line Regulation Typically 0.005%/V

Load Regulation Typically 0.1%

Thermal Regulation

Current Limit Constant with Temperature




Similar Part No. - NTE970

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE97 NTE-NTE97 Datasheet
28Kb / 3P
Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE971 NTE-NTE971 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
NTE972 NTE-NTE972 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 24V
NTE973 NTE-NTE973 Datasheet
27Kb / 4P
Integrated Circuit Double Balanced Modulator/Demodulator
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
Integrated Circuit Double Balanced Modulator/Demodulator
More results


Similar Description - NTE970

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
NTE935 NTE-NTE935 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
3-Terminal 3A Positive Adjustable Voltage Regulator
logo
KEC(Korea Electronics)
KIA317P KEC-KIA317P Datasheet
664Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR)
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
3-Terminal 3A Positive Adjustable Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com