Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2726324 Datasheet (PDF) - PHOENIX CONTACT

2726324 Datasheet PDF - PHOENIX CONTACT
Part # 2726324
Download  2726324 Download
File Size   149.41 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inline segment terminal, without accessories, 24 V DC, without fuse

2726324 Datasheet (PDF)

Go To PDF Page Download Datasheet
2726324 Datasheet PDF - PHOENIX CONTACT

Part # 2726324
Download  2726324 Click to download

File Size   149.41 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inline segment terminal, without accessories, 24 V DC, without fuse

2726324 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2726324

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2726308 PHOENIX-2726308 Datasheet
145Kb / 5P
Inline analog input terminal block; without accessories; 2 inputs; RTD (resistance temperature detector); 2, 3, 4-wire connection method
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2726337 PHOENIX-2726337 Datasheet
94Kb / 3P
Connector, for digital 1, 2 or 8-channel Inline terminals
2726340 PHOENIX-2726340 Datasheet
58Kb / 3P
Connector, for digital 4 or 16-channel Inline terminals
2726353 PHOENIX-2726353 Datasheet
60Kb / 3P
Inline shield connector
More results


Similar Description - 2726324

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701161 PHOENIX-2701161 Datasheet
75Kb / 4P
Inline power terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 24 V DC, without fuse
2718785 PHOENIX-2718785 Datasheet
164Kb / 5P
DeviceNet??bus coupler, 24 V DC, without accessories
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726230 PHOENIX-2726230 Datasheet
211Kb / 6P
Inline digital input terminal, without accessories, 16 inputs, 24 V DC, 2, 3-conductor connection system
2726243 PHOENIX-2726243 Datasheet
187Kb / 6P
Inline digital output terminal block, without accessories, 2 outputs, 24 V DC, 2A, 4-wire connection method
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2740339 PHOENIX-2740339 Datasheet
75Kb / 3P
Inline power terminal block, without accessories, without fuse, 230 V AC
5657 PHOENIX-5657 Datasheet
233Kb / 9P
Inline Segment Terminal With Electronic Fuse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com