Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8082 Datasheet (PDF) - List of Unclassifed Manufacturers

TH8082 Datasheet PDF - List of Unclassifed Manufacturers
Part # TH8082
Download  TH8082 Download
File Size   175.39 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single LIN Bus Transceiver

TH8082 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH8082 Datasheet PDF - List of Unclassifed Manufacturers

Part # TH8082
Download  TH8082 Click to download

File Size   175.39 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single LIN Bus Transceiver

TH8082 Datasheet (HTML) - List of Unclassifed Manufacturers


TH8082 Product details

[Melexis]



General Description

The TH8082 is a physical layer device for a single wire data link capable of operating in applications where high data rate is not required and a lower data rate can achieve cost reductions in both the physical media components and in the microprocessor which use the network. The TH8082 is designed in accordance to the physical layer definition of the LIN Protocol Specification , Rev. 1.2 . The IC furthermore can be used in ISO9141 systems.



Features and Benefits

  Single wire LIN transceiver

  Compatible to LIN Protocol Specification, Rev. 1.1

  Compatible to ISO9141 functions

  Control Output for voltage regulator

  Up to 20 kbps bus speed

  Low RFI due to slew rate control

  Fully integrated receiver filter

  Protection against load dump, jump start

  Bus terminals proof against short-circuits and transients in the automotive environment

  Very low (25 µA) typical power consumption in sleep mode

  Thermal overload and short circuit protection

  High impendance Bus pin in case of loss of ground and undervoltage condition

  ± 4kV ESD protection on bus pin



 




Similar Part No. - TH8082

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
TH8082KDC MELEXIS-TH8082KDC Datasheet
648Kb / 26P
Enhanced SoloLIN Transceiver
More results


Similar Description - TH8082

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9638 STMICROELECTRONICS-L9638 Datasheet
271Kb / 14P
LIN BUS TRANSCEIVER
Rev. 4
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
lin bus transceiver with integrated voltage regulator
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
LIN- / K-Bus transceiver
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com