Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2769873 Datasheet (PDF) - PHOENIX CONTACT

2769873 Datasheet PDF - PHOENIX CONTACT
Part # 2769873
Download  2769873 Download
File Size   92.48 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCR limit value switch, with two adjustable relay contacts, with electrically isolated auxiliary power supply, input signal 0...10 V/0..20 mA

2769873 Datasheet (PDF)

Go To PDF Page Download Datasheet
2769873 Datasheet PDF - PHOENIX CONTACT

Part # 2769873
Download  2769873 Click to download

File Size   92.48 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCR limit value switch, with two adjustable relay contacts, with electrically isolated auxiliary power supply, input signal 0...10 V/0..20 mA

2769873 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2769873

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2769 KR-2769 Datasheet
371Kb / 2P
Bandpass Filter
logo
Heyco.
2769 HEYCO-2769 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
logo
Adafruit Industries
2769 ADAFRUIT-2769 Datasheet
223Kb / 3P
Circuit Playground Express Educators Pack
8-1-17
logo
TE Connectivity Ltd
276916 TEC-276916 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
276916-1 TEC-276916-1 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
More results


Similar Description - 2769873

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
logo
PHOENIX CONTACT
2700838 PHOENIX-2700838 Datasheet
259Kb / 15P
INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, 짹10 V, 0 - 20 mA, 4 - 20 mA
2726285 PHOENIX-2726285 Datasheet
185Kb / 6P
Inline analog input terminal block, without accessories, 2 inputs, 0-20 mA, 4-20 mA, 20 mA, 0-10 V, 10 V, 2-wire connection method
2727831 PHOENIX-2727831 Datasheet
149Kb / 6P
Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, (also 0-40 mA, 짹40 mA, 0-5 V, 짹5 V, 0-25 V, 짹25 V, 0-50 V), 2-conductor connection method
2864493 PHOENIX-2864493 Datasheet
95Kb / 5P
MCR limit value switch, with adjustable hysteresis and delay time, with spring-cage connection
logo
ZIEHL industrie-elektro...
TR210 ZIEHL-TR210 Datasheet
376Kb / 2P
Limit Value Switch Type TR210 for 2 Temperature-Sensors or 0/4-20 mA, 0-10 V, 2 Limits, Analog-output
STW1000V2 ZIEHL-STW1000V2 Datasheet
331Kb / 1P
DC Limit Relay for Standard Signals DC 0/4 - 20 mA, 0/2 - 10 V
logo
Schneider Electric
RMCN22BD SCHNEIDER-RMCN22BD Datasheet
131Kb / 6P
Harmony Analog, Isolated analog converter, 0... 10 V or 4...20 mA to 0...10 V or 4...20 mA
Sep 13, 2021
RMCV60BD SCHNEIDER-RMCV60BD Datasheet
132Kb / 6P
Harmony analog, Isolated analog converter, 0.. 500 V voltage to 0....10 V or 4..20 mA
Sep 13, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com