Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2832962 Datasheet (PDF) - PHOENIX CONTACT

2832962 Datasheet PDF - PHOENIX CONTACT
Part # 2832962
Download  2832962 Download
File Size   150.0 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inline Block I/O digital input/output module, Modbus TCP/IP, 16/32 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 2, 3-conductor connection method

2832962 Datasheet (PDF)

Go To PDF Page Download Datasheet
2832962 Datasheet PDF - PHOENIX CONTACT

Part # 2832962
Download  2832962 Click to download

File Size   150.0 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inline Block I/O digital input/output module, Modbus TCP/IP, 16/32 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 2, 3-conductor connection method

2832962 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2832962

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2832904 PHOENIX-2832904 Datasheet
121Kb / 5P
Media module with two PoE twisted-pair ports for the modular managed switch system, output towards the front
2832933 PHOENIX-2832933 Datasheet
107Kb / 5P
Ethernet Switch, 6 TP RJ45 ports, 2 FO ports, 100 Mbps full duplex in SC-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
2832991 PHOENIX-2832991 Datasheet
73Kb / 2P
FL RJ45 PROTECT CAP
logo
Belden Inc.
28329A BELDEN-28329A Datasheet
158Kb / 2P
TC VN/PVC, 12 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28329A-01010000 BELDEN-28329A-01010000 Datasheet
158Kb / 2P
TC VN/PVC, 12 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results


Similar Description - 2832962

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702071 PHOENIX-2702071 Datasheet
237Kb / 15P
Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
2702106 PHOENIX-2702106 Datasheet
242Kb / 14P
Axioline F digital input and output module, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 1-wire connection technology
2703981 PHOENIX-2703981 Datasheet
151Kb / 7P
Modbus/TCP(UDP) bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2726230 PHOENIX-2726230 Datasheet
211Kb / 6P
Inline digital input terminal, without accessories, 16 inputs, 24 V DC, 2, 3-conductor connection system
2726256 PHOENIX-2726256 Datasheet
185Kb / 6P
Inline digital output terminal block, without accessories, 4 outputs, 24 V DC, 500 mA, 3-wire connection method
2726272 PHOENIX-2726272 Datasheet
233Kb / 6P
Inline digital output terminal block, without accessories, 16 outputs, 24 V DC, 500 mA, 3-wire connection method
2740106 PHOENIX-2740106 Datasheet
194Kb / 6P
Inline digital output terminal block, without accessories, 2 outputs, 24 V DC, 500 mA, 4-wire connection method
6843 PHOENIX-6843 Datasheet
224Kb / 14P
Inline, digital output terminal, digital outputs: 32, 24 V DC, 500 mA connection technology: 1-conductor
2688051 PHOENIX-2688051 Datasheet
243Kb / 14P
Axioline F digital output module, 32 outputs, 24 V DC, 500 mA, 1-wire connection method
2688349 PHOENIX-2688349 Datasheet
220Kb / 14P
Axioline F digital output module, 16 outputs, 24 V DC, 500 mA, 1-wire connection method
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com