Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3875S Datasheet (PDF) - KEC(Korea Electronics)

KTC3875S Datasheet PDF - KEC(Korea Electronics)
Part # KTC3875S
Download  KTC3875S Download
File Size   95.67 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.

KTC3875S Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3875S Datasheet PDF - KEC(Korea Electronics)

Part # KTC3875S
Download  KTC3875S Click to download

File Size   95.67 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.

KTC3875S Datasheet (HTML) - KEC(Korea Electronics)


KTC3875S Product details

GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.

FEATURES
• Excellent hFE Linearity : hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
• High hFE : hFE=70~700.
• Low Noise : NF=1dB(Typ.), 10dB(Max.).
• Complementary to KTA1504S.




Similar Part No. - KTC3875S

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
KTC3875S SKTECHNOLGY-KTC3875S Datasheet
616Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S_15 Datasheet
391Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTC3875S

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846UF AUK-BC846UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847 AUK-BC847 Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC858U AUK-BC858U Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
General purpose application Switching application
logo
Nanjing International G...
2N5551 DGNJDZ-2N5551 Datasheet
2Mb / 2P
General Purpose Switching Application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
FTC3198 FS-FTC3198 Datasheet
190Kb / 2P
General Purpose Switching Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com