Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT7501 Datasheet (PDF) - List of Unclassifed Manufacturers

NT7501 Datasheet PDF - List of Unclassifed Manufacturers
Part # NT7501
Download  NT7501 Download
File Size   319.47 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 33 X 100 RAM-Map LCD Controller/Driver

NT7501 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT7501 Datasheet PDF - List of Unclassifed Manufacturers

Part # NT7501
Download  NT7501 Click to download

File Size   319.47 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 33 X 100 RAM-Map LCD Controller/Driver

NT7501 Datasheet (HTML) - List of Unclassifed Manufacturers


NT7501 Product details

[Novatek]

General Description
The NT7501 is a single-chip LCD driver for dot-matrix liquid crystal displays, which is directly connectable to a microcomputer bus. It accepts 8-bit serial or parallel display data directly sent from a microcomputer and stores it in an on-chip display RAM. It generates a LCD drive signal independent of the microprocessor clock.
The set of the on-chip display RAM of 65 X 132 bits, and a one-to-one correspondence between the LCD panel pixel dots and the on-chip RAM bits, permits implementation of displays with a high degree of freedom.
As a total of 133 circuits of common and segment outputs are incorporated, a single chip of NT7501 can make 33 X 100 dots displays.
No external operation clock is required for RAM read/write operations. Accordingly, this driver can be operated with minimum current consumption and its on-board low-current consumption liquid crystal power supply can implement a high-performance handy display system with minimal current consumption and a minute LSI configuration.

Features
■ Direct RAM data display using the display RAM. When RAM data bit is 0, it is not displayed. When RAM data bit is 1, it is displayed. (In normal display mode)
■ RAM capacity: 65 X 132 = 8580 bits
■ Many command functions: Read/Write Display Data, Display ON/OFF, Normal/Reverse Display, Page Address Set, Set Display Start Line, Set LCD Bias, Electronic contrast Controls, Read Modify Write, Select Segment Driver Direction and Power Save
■ High-speed 8-bit microprocessor interface allowing direct connection to both the 8080 and 6800
■ Serial interface
■ Single supply operation, 2.4 - 3.5V
■ Maximum 9V LCD driving output voltage
■ 2X / 3X / 4X on chip DC-DC converter
■ Voltage regulator
■ Voltage follower (LCD bias: 1/5 or 1/6)
■ On chip oscillator




Similar Part No. - NT7501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
65 X 132 RAM-Map LCD Controller / Driver
NT7502H-BDT ETC1-NT7502H-BDT Datasheet
2Mb / 54P
65 X 132 RAM-Map LCD Controller / Driver
NT7502H-TABF1 ETC1-NT7502H-TABF1 Datasheet
2Mb / 54P
65 X 132 RAM-Map LCD Controller / Driver
More results


Similar Description - NT7501

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6570 NJRC-NJU6570 Datasheet
818Kb / 26P
BIT MAP LCD DRIVER
NJU6575A NJRC-NJU6575A Datasheet
1Mb / 37P
BIT MAP LCD DRIVER???
NJU6578 NJRC-NJU6578 Datasheet
1Mb / 36P
BIT MAP LCD DRIVER????
NJU6583 NJRC-NJU6583 Datasheet
1Mb / 40P
BIT MAP LCD DRIVER????
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
BIT MAP LCD DRIVER????
logo
Holtek Semiconductor In...
HT0610 HOLTEK-HT0610 Datasheet
462Kb / 22P
33 x 120 LCD Driver
February 24, 2004
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
65 X 132 RAM-Map LCD Controller / Driver
logo
Sitronix Technology Co....
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com