Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1305T Datasheet (PDF) - OKI electronic componets

KGF1305T Datasheet PDF - OKI electronic componets
Part # KGF1305T
Download  KGF1305T Download
File Size   66.94 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Power FET (Ceramic Package Type)

KGF1305T Datasheet (PDF)

Go To PDF Page Download Datasheet
KGF1305T Datasheet PDF - OKI electronic componets

Part # KGF1305T
Download  KGF1305T Click to download

File Size   66.94 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Power FET (Ceramic Package Type)

KGF1305T Datasheet (HTML) - OKI electronic componets


KGF1305T Product details

GENERAL DESCRIPTION
The KGF1305T, housed in a ceramic package with integrated heat sink, is a discrete UHF-band power FET that features high efficiency, high output power, and low current operation. The KGF1305T specifications are guaranteed to a fixed matching circuit for 5.4 V and 850 MHz; external impedance-matching circuits are also required. Because of its high efficiency, high output power (more than 31.5 dBm), and low thermal resistance, the KGF1305T is ideal as a transmitter-final-stage amplifier for personal handy phones, such as analog cellular phones.

FEATURES
• High output power: 31.5 dBm (min.)
• High efficiency: 66% (min.)
• Low thermal resistance: 12°C/W (typ.)
• Package: 3PHTP




Similar Part No. - KGF1305T

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1313 OKI-KGF1313 Datasheet
94Kb / 7P
Power FET (Plastic Package Type)
KGF1322 OKI-KGF1322 Datasheet
75Kb / 6P
Power FET (Ceramic Package Type)
KGF1323 OKI-KGF1323 Datasheet
83Kb / 7P
Power FET(Plastic Package Type)
KGF1323F OKI-KGF1323F Datasheet
67Kb / 6P
Power FET (Plastic Package Type)
More results


Similar Description - KGF1305T

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1283 OKI-KGF1283 Datasheet
96Kb / 7P
Power FET (Plastic Package Type)
KGF1284 OKI-KGF1284 Datasheet
82Kb / 7P
Power FET (Plastic Package Type)
KGF1313 OKI-KGF1313 Datasheet
94Kb / 7P
Power FET (Plastic Package Type)
KGF1323 OKI-KGF1323 Datasheet
83Kb / 7P
Power FET(Plastic Package Type)
logo
Mitsubishi Electric Sem...
MGF1952A MITSUBISHI-MGF1952A Datasheet
150Kb / 5P
Microwave Power MES FET (Leadless Ceramic Package)
logo
OKI electronic componet...
KGF1322 OKI-KGF1322 Datasheet
75Kb / 6P
Power FET (Ceramic Package Type)
KGF1323F OKI-KGF1323F Datasheet
67Kb / 6P
Power FET (Plastic Package Type)
KGF1608 OKI-KGF1608 Datasheet
100Kb / 8P
Power FET (Ceramic Package Type)
KGF1633 OKI-KGF1633 Datasheet
73Kb / 6P
Power FET (Plastic Package Type)
KGF1637 OKI-KGF1637 Datasheet
77Kb / 6P
Power FET (Plastic Package Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com