Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1410 Datasheet (PDF) - List of Unclassifed Manufacturers

A1410 Datasheet PDF - List of Unclassifed Manufacturers
Part # A1410
Download  A1410 Download
File Size   84.23 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ACTIVE (DIGITAL) DELAY LINES

A1410 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1410 Datasheet PDF - List of Unclassifed Manufacturers

Part # A1410
Download  A1410 Click to download

File Size   84.23 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ACTIVE (DIGITAL) DELAY LINES

A1410 Datasheet (HTML) - List of Unclassifed Manufacturers


A1410 Product details

[RCD]

Wide selection of sizes!
RCD’s digital delay lines have been designed to provide precise tap delays with all the necessary drive and pick-off circuitry. All inputs and outputs are schottky-type and require no additional components to achieve specified delays. Encapsulated/molded construction ensures full compliance to all applicable requirements of MIL-D-23859. Units are 100% inspected for solder joint integrity and electrical conformance.

FEATURES
❐ Economical cost, prompt delivery!
❐ Wide varieties of values
❐ Choice of 5 or 10 equally spaced taps
❐ TTL and DTL compatible
❐ Operating temperature: 0°C to 70°C
❐ Excellent for applications requiring high delay stability, fast rise times and no jitter, such as memory boards, disk drives, and signal processing FEATURES




Similar Part No. - A1410

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100 ACTEL-A14100 Datasheet
1Mb / 98P
Highly Predictable Performance with 100% Automatic Placement and Routing
logo
Microsemi Corporation
A14100 MICROSEMI-A14100 Datasheet
4Mb / 90P
Accelerator Series FPGAs ??ACT 3 Family
A14100A MICROSEMI-A14100A Datasheet
4Mb / 90P
Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
HiRel FPGAs
More results


Similar Description - A1410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M83532 ETC1-M83532 Datasheet
42Kb / 2P
QPL Active Delay Lines (TTL)
logo
RCD COMPONENTS INC.
A01AT-100NS-B RCD-A01AT-100NS-B Datasheet
90Kb / 1P
ACTIVE (DIGITAL) DELAY LINES SINGLE, DUAL, TRIPLE, QUAD DELAYS
logo
PCA ELECTRONICS INC.
EP9460-5 PCA-EP9460-5 Datasheet
19Kb / 1P
Mini DIP Single Output TTL Compatible Active Delay Lines
EP9734-5 PCA-EP9734-5 Datasheet
22Kb / 1P
14 Pin DIP Quad TTL Compatible Active Delay Lines
EP9748-5 PCA-EP9748-5 Datasheet
18Kb / 1P
Mini SIL Single Output TTL Compatible Active Delay Lines
EPA249-5 PCA-EPA249-5 Datasheet
30Kb / 1P
8 Pin Triple TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
14 Pin DIP Quad TTL Compatible Active Delay Lines
EPA249 PCA-EPA249_15 Datasheet
30Kb / 1P
8 Pin Triple TTL Compatible Active Delay Lines
EPA3507-XX PCA-EPA3507-XX_15 Datasheet
47Kb / 1P
Fast Logic TTL Compatible Active Delay Lines
EPA3856G-XX PCA-EPA3856G-XX_15 Datasheet
24Kb / 1P
TTL Compatible Active Delay Lines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com