Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V6402D Datasheet (PDF) - OKI electronic componets

MR27V6402D Datasheet PDF - OKI electronic componets
Part # MR27V6402D
Download  MR27V6402D Download
File Size   93.45 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM

MR27V6402D Datasheet (PDF)

Go To PDF Page Download Datasheet
MR27V6402D Datasheet PDF - OKI electronic componets

Part # MR27V6402D
Download  MR27V6402D Click to download

File Size   93.45 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM

MR27V6402D Datasheet (HTML) - OKI electronic componets


MR27V6402D Product details

DESCRIPTION

The MR27V6402D is a 64Mbit electrically Programmable Read-Only Memory whose configuration can be electrically switched between 4,194,304 word x 16bit and 8,388,608 word x 8bit. The MR27V6402D operates on a single +3V-3.3V power supply and is TTL compatible. Since the MR27V6402D operates asynchronously , external clocks are not required , making this device easy-to-use. The MR27V6402D is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 44-pin SOP package.



FEATURES

• 4,194,304 word x 16bit / 8,388,608 word x 8bit electrically switchable configuration

• Single +3V-3.3V power supply

• Access time 150ns access time (Vcc=+3V)

                   120ns access time (Vcc=+3.3V)

• Input / Output TTL compatible

• Three-state output

• Package

          44-pin plastic SOP (SOP44-P-600-1.27-K)



 




Similar Part No. - MR27V6402D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V6402G OKI-MR27V6402G Datasheet
149Kb / 14P
4M-Word x 16-Bit or 8M-Word x 8-Bit OTP
More results


Similar Description - MR27V6402D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V6452D OKI-MR27V6452D Datasheet
83Kb / 10P
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com