Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS81V10160 Datasheet (PDF) - OKI electronic componets

MS81V10160 Datasheet PDF - OKI electronic componets
Part # MS81V10160
Download  MS81V10160 Download
File Size   266.76 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description (664,320-word x 16-bit) FIFO memory

MS81V10160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS81V10160 Datasheet PDF - OKI electronic componets

Part # MS81V10160
Download  MS81V10160 Click to download

File Size   266.76 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description (664,320-word x 16-bit) FIFO memory

MS81V10160 Datasheet (HTML) - OKI electronic componets


MS81V10160 Product details

GENERAL DESCRIPTION
The MS81V10160 is a 10Mb FIFO (First-In First-Out) memory designed for 664,320-words × 16-bit high-speed asynchronous read/write operation.
The MS81V10160 is best suited for a field memory for digital TVs or LCD panels which require high-speed, large memory , and is not designed for high end use in professional graphics systems, which require long term picture storage and data storage.

FEATURES
• 664,320 words × 16 bits
• Fast FIFO (First-In First-Out) operation: 12 ns cycle time
• Self refresh (No refresh control is required)
• High speed asynchronous serial access
    Read/Write Cycle Time 12 ns/15 ns
    Access Time 9 ns/12 ns
• Variable length delay bit (600 to 664,320)
• Write mask function (Output enable control)
• Cascading capability
• Single power supply: 3.3 V ± 10%
• Package:
    70-pin plastic TSOP TYPE II (TSOP II 70-P-400-0.5-K) (Product name: MS81V10160-xxTA)
                                                                                               xx indicates speed rank.




Similar Part No. - MS81V10160

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
Dual FIFO (262,214-word x 8-Bits) x 2
MS81V04160-25TB OKI-MS81V04160-25TB Datasheet
109Kb / 22P
Dual FIFO (262,214-word x 8-Bits) x 2
MS81V04160-30TB OKI-MS81V04160-30TB Datasheet
109Kb / 22P
Dual FIFO (262,214-word x 8-Bits) x 2
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04160A-20TB OKI-MS81V04160A-20TB Datasheet
178Kb / 24P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results


Similar Description - MS81V10160

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V06160 OKI-MS81V06160 Datasheet
266Kb / 18P
(401,408-word 쨈 16-bit) FIFO memory
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
4-bit x 16-word FIFO register
1998 Jan 23
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
1048576-word x 16-bit Dynamic Random Access Memory
logo
OKI electronic componet...
MS81V05200 OKI-MS81V05200 Datasheet
355Kb / 25P
(583,680-word 횞 10-bit) FIFO memory
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
4 Bit 횞 16 Word FIFO Register
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
262144-word x 8-bit x 3-FIFO MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com