Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS87V1021 Datasheet (PDF) - OKI electronic componets

MS87V1021 Datasheet PDF - OKI electronic componets
Part # MS87V1021
Download  MS87V1021 Download
File Size   458.11 Kbytes
Page   63 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Recording and Playback IC with Built-in 2-Mbit DRAM

MS87V1021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS87V1021 Datasheet PDF - OKI electronic componets

Part # MS87V1021
Download  MS87V1021 Click to download

File Size   458.11 Kbytes
Page   63 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Recording and Playback IC with Built-in 2-Mbit DRAM

MS87V1021 Datasheet (HTML) - OKI electronic componets


MS87V1021 Product details

GENERAL DESCRIPTION
The MS87V1021 is a single chip recording and playback IC that is controlled by the microcontroller in serial mode, compresses voice with the 4-bit OKI ADPCM algorithm or 4-bit OKI ADPCM2 algorithm with high tone quality, and has 2-Mbit DRAM in which recorded data is stored and 512-Kbit mask ROM in which fixed messages reside. The MS87V1021 includes such features as Normal Recording and Playback, Delayed playback, Retroactive playback, Fast forwarding, and Rewinding.
The internal memory in which voice data is stored allows a recording/playback system to be constructed merely by externally connecting it to a microphone, a speaker driving amplifier, and a speaker.

FEATURES
• Serial microcontroller interface (clock synchronized)
• Built-in 512-Kbit mask ROM for fixed messages
    ROM playback time :
    Approx. 15 seconds (Fsam = 8.0 kHz)
    Approx. 20 seconds (Fsam = 6.4 kHz)
    Approx. 30 seconds (Fsam = 4.0 kHz)
• Voice analyzing and synthesizing system :
    4-bit OKI ADPCM or 4-bit OKI ADPCM2 algorithm
    8-bit OKI non-linear PCM algorithm (for ROM playback only)
• Sampling frequency (source oscillation frequency: 4.096 MHz) :
    4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, or 10.6 kHz
• Recording time:
    Approx. 60 seconds (Fsam = 8.0 kHz)
    Approx. 80 seconds (Fsam = 6.4 kHz)
    Approx. 120 seconds (Fsam = 4.0 kHz)
• Built-in 14-bit A-to-D and D-to-A converters
• Built-in LPF: Attenuation rate –40 dB/oct
• Number of phrases
    Variable message: 255 phrases
    Fixed phrases: 255 phrases
• Source oscillation frequency: 4.096 MHz
• Supply voltage: 2.7 to 3.6 V
• Operating current:
    15 mA max. (source oscillation frequency : 4.096 MHz, Supply voltage : 3.6 V)
• Operating temperature: –20 to +70° C
• Package: 32-pin TSOP Type I




Similar Part No. - MS87V1021

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MS80 DIOTEC-MS80 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS80 DIOTEC-MS80 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Microsemi Corporation
MS8001 MICROSEMI-MS8001 Datasheet
134Kb / 3P
GaAs Schottky Diodes
MS8002 MICROSEMI-MS8002 Datasheet
134Kb / 3P
GaAs Schottky Diodes
MS8003 MICROSEMI-MS8003 Datasheet
134Kb / 3P
GaAs Schottky Diodes
More results


Similar Description - MS87V1021

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
Flash-driving Recording and Playback IC
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
Voice Synthesis IC with Built-in 2-Mbit OTP ROM
logo
Panasonic Semiconductor
AN3328S PANASONIC-AN3328S Datasheet
75Kb / 8P
2-head recording and playback amplifier IC A2 for HiFi VCR
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
2-head recording/playback amplifier IC
logo
NXP Semiconductors
TDA1016 PHILIPS-TDA1016 Datasheet
58Kb / 9P
Recording/playback and 2 W audio power amplifier
August 1987
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
2-channel Recording/Playback Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
Voice Recording & Playback Device Voice Recording & Playback Device
logo
OKI electronic componet...
ML2302 OKI-ML2302 Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016_15 Datasheet
570Kb / 24P
16 min Recording & Playback Voice IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com