Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1897C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1897C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1897C
Download  TA1897C Download
File Size   473.83 Kbytes
Page   9 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 773 MHz

TA1897C Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1897C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1897C
Download  TA1897C Click to download

File Size   473.83 Kbytes
Page   9 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 773 MHz

TA1897C Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA1897C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1897A TAI-SAW-TA1897A Datasheet
1Mb / 8P
SAW Rx Filter 773MHz LTE Band 28A SMD 1109 (30MHz BW)
logo
Golledge Electronics Lt...
TA1897A GOLLEDGE-TA1897A Datasheet
780Kb / 6P
SAW Filter 773.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1897AC TAI-SAW-TA1897AC Datasheet
457Kb / 9P
SAW Filter 773 MHz B28 Rx SMD 1.1x0.9 mm
More results


Similar Description - TA1897C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TF0112A TAI-SAW-TF0112A Datasheet
408Kb / 12P
SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TA1897AC TAI-SAW-TA1897AC Datasheet
457Kb / 9P
SAW Filter 773 MHz B28 Rx SMD 1.1x0.9 mm
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com