Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1200-01 Datasheet (PDF) - OKI electronic componets

MSC1200-01 Datasheet PDF - OKI electronic componets
Part # MSC1200-01
Download  MSC1200-01 Download
File Size   218.79 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions

MSC1200-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1200-01 Datasheet PDF - OKI electronic componets

Part # MSC1200-01
Download  MSC1200-01 Click to download

File Size   218.79 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions

MSC1200-01 Datasheet (HTML) - OKI electronic componets


MSC1200-01 Product details

GENERAL DESCRIPTION
The MSC1200-01/1200V-01 is a Bi-CMOS display driver for 1/2-duty vacuum fluorescent display tube. This device consists of a 64-bit shift register, latches, an analog dimming circuit, a digital dimming circuit, a keyscan circuit, and drivers.
The interface with a microcomputer can be done only with four signal lines (CS, DATA I/O, CLOCK, and INT). Also, the DATA I/O and CLOCK signal lines can be shared with other peripherals by using the chip select function.

FEATURES
• Power supply voltage : 8V to 18V (built-in 5V regulator for logic)
• Operating temperature range : –40°C to +85°C
• 30-segment driver outputs (IOH = –6mA at VOH = VDD – 0.8V)
• Built-in analog dimming circuit (PWM: 12.5% Max at 6-bit resolution)
• Built-in digital dimming circuit (11-bit resolution)
• Built-in 5 x 6 keyscan circuit
• Built-in RC oscillation circuit (external R and C)
• Built-in power-on-reset circuit.
• The product name differs depending on the bonding option pin selected:
   PWM OUT/BLANK IN : MSC1200-01
   DATA OUT : MSC1200V-01
• Package :
   56-pin plastic QFP (QFP56–P–910-0.65–2K)
       (Product name: MSC1200-01GS-2K/MSC1200V-01GS-2K)




Similar Part No. - MSC1200-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
MSC1200Y2 TI-MSC1200Y2 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y2 TI1-MSC1200Y2 Datasheet
1Mb / 93P
MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
More results


Similar Description - MSC1200-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1215 OKI-MSC1215 Datasheet
144Kb / 22P
17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
63-Bit Triplex Controller/Driver with Digital Dimming Function
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com