Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05C Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

SD05C Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # SD05C
Download  SD05C Download
File Size   903.73 Kbytes
Page   5 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 350W Discrete Bi-directional Surface Mount TVS Diode for ESD

SD05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SD05C Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # SD05C
Download  SD05C Click to download

File Size   903.73 Kbytes
Page   5 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 350W Discrete Bi-directional Surface Mount TVS Diode for ESD

SD05C Datasheet (HTML) - Thinki Semiconductor Co., Ltd.


SD05C Product details

FEATURES
- Surface Mounted Device
- Protects one I/O or power line
- Moisture sensitivity level (MSL): 1
- Working voltage:5V,12V,15V,24V

APPLICATION
- Cell Phone Handsets and Accessories
- Microprocessor based equipment
- Portable Instrumentation




Similar Part No. - SD05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
SD05C SEMTECH-SD05C Datasheet
152Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SeCoS Halbleitertechnol...
SD05C SECOS-SD05C Datasheet
252Kb / 2P
130W Bi-Direction Transient Voltage Suppressors Diode
logo
Littelfuse
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
450W Discrete Bidirectional TVS Diode
logo
Shanghai Semitech Semic...
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
More results


Similar Description - SD05C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ESD9DXXC WEITRON-ESD9DXXC Datasheet
1Mb / 3P
BI-Directional TVS for ESD Protection
logo
KODENSHI_AUK CORP.
NDB171 KODENSHI-NDB171 Datasheet
151Kb / 5P
Bi-directional ESD Protection TVS Diode
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
logo
FutureWafer Tech Co.,Lt...
FB-5VS61 FUTUREWAFER-FB-5VS61 Datasheet
516Kb / 1P
Bi-directional TVS diode
logo
TECH PUBLIC Electronics...
ESD5V0B2-DFN3 TECHPUBLIC-ESD5V0B2-DFN3 Datasheet
2Mb / 4P
Bi -directional TVS Diode
ESD13VB7-1006 TECHPUBLIC-ESD13VB7-1006 Datasheet
1Mb / 4P
Bi -directional TVS Diode
TPESD1521P TECHPUBLIC-TPESD1521P Datasheet
1Mb / 4P
Bi -directional TVS Diode
logo
Shanghai Leiditech Elec...
LC1211CDN LEIDITECH-LC1211CDN Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE
P0060TA-ESD LEIDITECH-P0060TA-ESD Datasheet
2Mb / 4P
Integrated Bi-directional TVS for ESD protection
logo
TECH PUBLIC Electronics...
ESDBL36VD3 TECHPUBLIC-ESDBL36VD3 Datasheet
1,021Kb / 4P
BI-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com